Electronic Components Datasheet Search
  English  ▼

X  

TFS110AD Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS110AD
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS110AD Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS110AD Datasheet HTML 1Page - Vectron International, Inc TFS110AD Datasheet HTML 2Page - Vectron International, Inc TFS110AD Datasheet HTML 3Page - Vectron International, Inc TFS110AD Datasheet HTML 4Page - Vectron International, Inc TFS110AD Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 110AD.doc
Version 1.1
26.11.2013
Vectron International
Filter specification
TFS 110AD
2/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
101
103
105
107
109
111
113
115
117
119
121
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
insertion loss: -6.73 dB
108.49
108.89
109.29
109.69
110.09
110.49
110.89
111.29
111.69
112.09
112.49
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
108.49
108.89
109.29
109.69
110.09
110.49
110.89
111.29
111.69
112.09
112.49
0.88
1.12
1.36
1.6
1.84
2.08
2.32
2.56
2.8
3.04
3.28
frequency in MHz
Filter characteristic
Construction and pin connection
(All dimensions in mm)
13,30
+/- 0,2
1
8
9
10
1,5 ±0,15
2,54
±0,15
0,8 ±0,15
1
2
3
4
5
6
7
11
12
50
Test circuit
L2
SAW
L3
L4
1, 2, 3, 4, 7, 8, 9,10
11
12
5
6
TFS 110AD
●
D30
1
Ground
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF Return
7
Ground
8
Ground
9
Ground
10
Ground
11
Input
12
Input RF Return / Ground
Date code:
Year + week
D
2013
E
2014
F
2015
...



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com