Electronic Components Datasheet Search
  English  ▼

X  

CD4046BM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4046BM
Description  Micropower Phase-Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4046BM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4046BM Datasheet HTML 1Page - National Semiconductor (TI) CD4046BM Datasheet HTML 2Page - National Semiconductor (TI) CD4046BM Datasheet HTML 3Page - National Semiconductor (TI) CD4046BM Datasheet HTML 4Page - National Semiconductor (TI) CD4046BM Datasheet HTML 5Page - National Semiconductor (TI) CD4046BM Datasheet HTML 6Page - National Semiconductor (TI) CD4046BM Datasheet HTML 7Page - National Semiconductor (TI) CD4046BM Datasheet HTML 8Page - National Semiconductor (TI) CD4046BM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DC Electrical Characteristics CD4046BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
Pin 5 e VDD Pin 14 e VDD
Pin 3 9 e VSS
VDD e 5V
20
0005
20
150
m
A
VDD e 10V
40
001
40
300
m
A
VDD e 15V
80
0015
80
600
m
A
Pin 5 e VDD Pin 14 e Open
Pin 3 9 e VSS
VDD e 5V
70
5
55
205
m
A
VDD e 10V
530
20
410
710
m
A
VDD e 15V
1500
50
1200
1800
m
A
VOL
Low Level Output Voltage VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
225
15
15
V
Comparator and Signal In
VDD e 10V VO e 1V or 9V
30
45
30
30
V
VDD e 15V VO e 15V or 135V
40
625
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
275
35
V
Comparator and Signal In
VDD e 10V VO e 1V or 9V
70
70
55
70
V
VDD e 15V VO e 15V or 135V
110
110
825
110
V
IOL
Low Level Output Current
VDD e 5V VO e 04V
052
044
088
036
mA
(Note 4)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
(Note 4)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
All Inputs Except Signal Input
VDD e 15V VIN e 0V
b
03
b
10b5 b03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
CIN
Input Capacitance
Any Input (Note 3)
75
pF
PT
Total Power Dissipation
fo e 10 kHz R1 e 1MX
R2 e % VCOIN e VDD 2
VDD e 5V
007
mW
VDD e 10V
06
mW
VDD e 15V
24
mW
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
Capacitance is guaranteed by periodic testing
Note 4
IOH and IOL are tested one output at a time
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com