Electronic Components Datasheet Search
  English  ▼

X  

3N191 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 3N191
Description  P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3N191 Datasheet(HTML) 2 Page - Linear Integrated Systems

  3N191 Datasheet HTML 1Page - Linear Integrated Systems 3N191 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201140 05/15/2014 Rev#A7 ECN# 3N190 3N191
ELECTRICAL CHARACTERISTICS CONT. @ 25 °C (unless otherwise stated) (VSB = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
gfs
Forward Transconductance4
1500
4000
µS
VDS = -15V, ID = -5mA, f = 1kHz
gos
Output Admittance
300
rds(on)
Drain to Source "On" Resistance
300
Ω
VDS = -20V, ID = -100µA
Crss
Reverse Transfer Capacitance
1.0
pF
VDS = -15V, ID = -5mA, f = 1MHz
Ciss
Input Capacitance Output Shorted
4.5
Coss
Output Capacitance Input Shorted
3.0
SWITCHING CHARACTERISTICS
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
td(on)
Turn On Delay Time
15
ns
VDD = -15V, ID(on) = -5mA,
RG = RL
= 1.4kΩ
tr
Turn On Rise Time
30
toff
Turn Off Time
50
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Per transistor.
3.
Pulse: t = 300µs, Duty Cycle ≤ 3%
4.
Measured at end points, TA and TB.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com