Electronic Components Datasheet Search
  English  ▼

X  

J211 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J211
Description  LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J211 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J211 Datasheet HTML 1Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201113 5/20/2014 Rev A7 ECN# JS210_211_212
FEATURES
HIGH GAIN
gfs=7000µmho MINIMUM (J211, J212)
HIGH INPUT IMPEDENCE
IGSS= 100pA MAXIMUM
LOW CAPACITANCE
CISS= 5pF TYPICAL
ABSOLUTE MAXIMUM RATINGS
@ 25 °C (unless otherwise stated)
Gate-Drain or Gate-Source Voltage
-25V
Gate Current
10mA
Total Device Dissipation @25°C Ambient
(Derate 3.27 mW/°C)
360mW
Operating Temperature Range
-55 to +150 °C
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTICS
SSTJ210
SSTJ211
SSTJ212
UNITS
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSS
Gate Reverse Current
--
--
-100
--
--
-100
--
--
-100
pA
VDS = 0, VGS = -15V (NOTE 1)
VGS(off)
Gate-Source Cutoff Voltage
-1
--
-3
-2.5
--
-4.5
-4
--
-6
V
VDS = 15V, ID = 1nA
BVGSS
Gate-Source Breakdown Voltage
-25
--
--
-25
--
--
-25
--
--
VDS = 0, IG = -1µA
IDSS
Drain Saturation Current
2
--
15
7
--
20
15
--
40
mA
VDS = 15V, VGS=0 (NOTE 2)
IG
Gate Current
--
-10
--
--
-10
--
--
-10
--
pA
VDS = 10V, ID=1mA (NOTE 1)
gfs
Common-Source Forward
Transconductance
4,000
--
12,000 6,000
--
12,000 7,000
--
12,000
µmho
VDS = 15V, VGS=0
f=1kHz
gos
Common-Source Output
Conductance
--
--
150
--
--
200
--
--
200
CISS
Common-Source Input
Capacitance
--
4
--
--
4
--
--
4
--
pF
f=1MHz
Crss
Common-Source Reverse
Transfer Capacitance
-
1
--
--
1
--
--
1
--
en
Equivalent Short-Circuit Input
Noise Voltage
-
10
--
--
10
--
--
10
--
nV√Hz
f=1kHz
J210, J211, J212
SSTJ210, SSTJ211, SSTJ212
LOW NOISE N-CHANNEL JFET
GENERAL PURPOSE AMPLIFIER
D
Plastic
S G
D
TO-92
S
G
NOTE
1.
Approximately doubles for every 10°C increase in TA.
2.
Pulse test duration = 2ms.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
TO-92
TOP VIEW
J210, J211, J212
SOT-23
TOP VIEW
SSTJ210, SSTJ211, SSTJ212
TO-92
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.


Similar Part No. - J211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J211 PHILIPS-J211 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
logo
Fairchild Semiconductor
J211 FAIRCHILD-J211 Datasheet
199Kb / 5P
N-Channel RF Amplifier
logo
Calogic, LLC
J211 CALOGIC-J211 Datasheet
22Kb / 2P
N-Channel JFET
logo
Linear Integrated Syste...
J211 LINEAR-J211 Datasheet
15Kb / 1P
LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
logo
List of Unclassifed Man...
J211 ETC1-J211 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - J211

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE458 NTE-NTE458 Datasheet
21Kb / 2P
N-Channel Silicon JFET General Purpose, Low Noise, Audio Frequency Amplifier
logo
Calogic, LLC
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4338 CALOGIC-2N4338 Datasheet
19Kb / 1P
N-Channel JFET Low Noise Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
2N3684 CALOGIC-2N3684 Datasheet
76Kb / 1P
N CHANNEL JFET LOW NOISE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N3684 NJSEMI-2N3684 Datasheet
112Kb / 1P
N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Calogic, LLC
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
2N4338 CALOGIC-2N4338_15 Datasheet
31Kb / 1P
N-Channel JFET Low Noise Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com