Electronic Components Datasheet Search
  English  ▼

X  

LS302 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS302
Description  HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS302 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS302 Datasheet HTML 1Page - Linear Integrated Systems LS302 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201116 05/15/2014 Rev#A4 ECN# LS301 LS302 LS303
MATCHING CHARACTERISTICS
SYMBOL
CHARACTERISTIC
LS301 LS302 LS303
UNITS
CONDITIONS
IVBE1-VBE2I
Base Emitter Voltage Differential
0.2
0.2
0.2
TYP.
mV
IC = 10µA
VCE = 5V
1
1
1
MAX.
mV
I(V BE1-VBE2)I/°C
Base Emitter Voltage Differential
1
1
1
TYP.
µV/°C
IC = 10µA
VCE = 5V
Change with Temperature
5
5
5
MAX.
µV/°C
T = 55°C to
+125°C
IIB1- IB2I
Base Current Differential
0.5
1
0.5
TYP.
nA
IC = 10µA
VCE = 1V
1
5
1.5
MAX.
nA
IC = 10µA
VCE = 5V
hFE1/hFE2
DC Current Gain Differential
5
5
5
TYP.
%
IC = 10µA
VCE = 5V
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired
2. The reverse base-to-emitter voltage must never exceed 6.0 volts; the reverse base-to-emitter current must never exceed 10 µAmps.
3. For LS301 & LS302: VCB=10V; for LS303: VCB=5V
4. For LS301 & LS302: VCC=±80V; for LS303: VCC=±20V
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
0.210
0.170
8
8
4
4
0.210
0.170
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com