Electronic Components Datasheet Search
  English  ▼

X  

LS830 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS830
Description  ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS830 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS830_14 Datasheet HTML 1Page - Linear Integrated Systems LS830_14 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201127 05/01/2014 Rev#A6 ECN# LS830 LS831 LS832 LS833
FEATURES
ULTRA LOW DRIFT
│ΔVGS1-2/ΔT│= 5µV/ºC max.
ULTRA LOW NOISE
IG=80fA TYP.
LOW NOISE
en=70nV/
√Hz TYP.
LOW CAPACITANCE
CISS=3pf max.
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25°C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Operating Junction Temperature
-55 to +150°C
Maximum Voltage and Current for Each Transistor NOTE 1
-VGSS
Gate Voltage to Drain or Source
40V
-VDSO
Drain to Source Voltage
40V
-IG(f)
Gate Forward Current
10mA
-IG
Gate Reverse Current
10µA
Maximum Power Dissipation @ TA = 25ºC
Continuous Power Dissipation (Total)
500mW
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BVGSS
Breakdown Voltage
-40
-60
--
V
VDS= 0
IG= -1nA
BVGGO
Gate-to-Gate Breakdown
±40
--
--
V
IG= ±1µA
ID= 0
IS = 0
TRANSCONDUCTANCE
gfss
Full Conduction
70
300
500
µS
VDG= 10V
VGS= 0
f = 1kHz
gfs
Typical Operation
50
100
200
µS
VDG= 10V
ID= 30µA
f = 1kHz
│gfs1-2/gfs│
Differential
--
1
5
%
DRAIN CURRENT
IDSS
Full Conduction
60
400
1000
µA
VDG= 10V
VGS= 0
│IDSS1-2/IDSS│
Differential at Full Conduction
--
2
5
%
ELECTRICAL CHARACTERISTICS TA = 25ºC (unless otherwise noted)
SYMBOL
CHARACTERISTIC
LS830 LS831 LS832 LS833 UNITS
CONDITIONS
│ΔVGS1-2/ΔT│max. Drift vs. Temperature
5
10
20
75
µV/ºC
VDG = 10V
ID = 30µA
TA = -55ºC to +125ºC
│VGS1-2│max.
Offset Voltage
25
25
25
25
mV
VDG = 10V
ID = 30µA
-IG typical
Operating
0.1
0.1
0.1
0.5
pA
-IG typical
High Temperature
0.1
0.1
0.1
0.5
nA
TA= +125ºC
IGSS typical
At Full Conduction
0.2
0.2
0.2
1.0
pA
VGS = 20V, VGS = 0V
IGSS typical
High Temperature
0.5
0.5
0.5
1.0
nA
VGS = 0
VGS = 20V
TA= +125ºC
LS830 LS831 LS832 LS833
ULTRA LOW LEAKAGE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER
Top View
SOIC
Top View
TO-71 & TO-78


Similar Part No. - LS830_14

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS830-3 LINEAR-LS830-3 Datasheet
30Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS830_PDIP MICROSS-LS830_PDIP Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS830_SOT-23 MICROSS-LS830_SOT-23 Datasheet
281Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS830_TO-71 MICROSS-LS830_TO-71 Datasheet
285Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS830_TO-78 MICROSS-LS830_TO-78 Datasheet
285Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS830_14

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS421-6 LINEAR-LS421-6 Datasheet
26Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LS830-3 LINEAR-LS830-3 Datasheet
30Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LS5905-9 LINEAR-LS5905-9 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS830_PDIP MICROSS-LS830_PDIP Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS832 MICROSS-LS832 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS833 MICROSS-LS833 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS841 MICROSS-LS841 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS844 MICROSS-LS844 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5905 LINEAR-LS5905_14 Datasheet
280Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com