Electronic Components Datasheet Search
  English  ▼

X  

LS3250A Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS3250A
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3250A Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS3250A Datasheet HTML 1Page - Linear Integrated Systems LS3250A Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201128 05/15/2014 Rev#A5 ECN# LS 3250
ELECTRICAL CHARACTERISTICS CONT. @25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
LS3250A
LS3250B
LS3250C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
hFE
DC Current Gain
150
100
50
IC = 1mA, VCE = 5V
150
650
80
40
IC = 10mA, VCE = 5V
125
60
30
IC = 35mA, VCE = 5V
ICBO
Collector Cutoff Current
0.35
0.35
nA
IE = 0A, VCB = 30V
0.2
IE = 0A, VCB = 20V
IEBO
Emitter Cutoff Current
0.35
0.35
0.35
IE = 0A, VCB = 3V
IC1C2
Collector to Collector Leakage Current
±1
±1
±1
µA
VCC = ±50V, IE = IB= 0A
COBO
Output Capacitance
2
2
2
pF
IE = 0A, VCB = 10V
fT
Gain Bandwidth Product (Current)
600
600
600
MHz
IC = 1mA, VCE = 5V
NF
Noise Figure (Narrow Band)
3
3
3
dB
IC = 100µA, VCE = 5V
BW = 200Hz
RB
= 10Ω, f = 1kHz
NOTES
1.
Maximum rating for LS3250A, SOT23-6.
2.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
3.
The reverse Base to Emitter voltage must never exceed 6.0 Volts. The reverse Base to Emitter current must never exceed 10µA.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
*Standard package is SOT-23 6 lead. Other packages listed
are optional. Contact factory regarding availability of optional
packages.
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60
0.210
0.170
1
PDIP
DIMENSIONS IN
INCHES
2
3
4
5
6
7
8
0.145
0.170
0.060
0.100
0.250
0.375
0.038
0.295
0.320
1
SOIC
2
3
4
5
6
7
8
DIMENSIONS IN
INCHES
0.2284
0.2440
0.189
0.196
0.0075
0.0098
0.021
0.014
0.018
0.050
0.0040
0.0098
0.150
0.157
*
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.
SOT-23
TO-71
TO-78
PDIP
SOIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com