Electronic Components Datasheet Search
  English  ▼

X  

LS3250C Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS3250C
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3250C Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS3250C Datasheet HTML 1Page - Linear Integrated Systems LS3250C Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201128 05/15/2014 Rev#A5 ECN# LS 3250
*FEATURES
6 LEAD SOT-23 SURFACE MOUNT PACKAGE*
TIGHT MATCHING1
2mV
EXCELLENT THERMAL TRACKING1
3µV/°C
ABSOLUTE MAXIMUM RATINGS2
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
Continuous Power Dissipation
TBD
Maximum Currents
Collector Current
50mA
Maximum Voltages
Collector to Collector Voltage
50V
MATCHING ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
LS3250A
LS3250B
LS3250C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
BE2
BE1
V
V
Base to Emitter Voltage Differential
2
5
10
mV
IC = 10µA , VCE = 5V
ΔT
V
V
BE2
BE1
Base to Emitter Voltage Differential
Change with Temperature
3
5
15
µV/°C
IC = 10µA , VCE = 5V
TA = -40°C to +85°C
B2
B1
I
I
Base Current Differential
10
10
10
nA
IC = 10µA, VCE = 5V
ΔT
I
I
B2
B1
Base Current Differential
Change with Temperature
0.5
0.5
1.0
nA/°C
IC = 10µA, VCE = 5V
TA = -40°C to +85°C
FE2
FE1
h
h
Current Gain Differential
10
10
15
%
IC = 1mA, VCE = 5V
ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
LS3250A
LS3250B
LS3250C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
BVCBO
Collector to Base Breakdown Voltage
45
40
20
V
IC = 10µA , IE = 0A
BVCEO
Collector to Emitter Breakdown Voltage
45
40
20
IC = 10mA, IB = 0
BVCCO
Collector to Collector Breakdown
Voltage
±50
±50
±50
IC = ±1µA, IE = IB= 0A
BVEBO
Emitter to Base Breakdown Voltage3
6.0
6.0
6.0
IE = 10µA, IC = 0A
VCE(SAT)
Collector to Emitter Saturation Voltage
0.35
0.35
1.2
IC = 10mA, IB = 1mA
LS3250 SERIES
MONOLITHIC DUAL
NPN TRANSISTORS
1
3
2
SOT-23
TOP VIEW
6
4
5
C1
E1
C2
B1
E2
B2
1
2
3
4
8
7
6
5
PDIP
C1
B1
E1
NC
C2
B2
E2
NC
1
2
3
4
8
7
6
5
SOIC
C1
B1
E1
NC
C2
B2
E2
NC
*SOT-23
TOP VIEW
TO-78
TOP VIEW
TO-71
TOP VIEW
PDIP
TOP VIEW
SOIC
TOP VIEW


Similar Part No. - LS3250C

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS3250C LINEAR-LS3250C Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS3250C LINEAR-LS3250C Datasheet
299Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS3250C MICROSS-LS3250C Datasheet
277Kb / 1P
Linear Systems Log Conformance Monolithic Dual NPN
LS3250C_PDIP MICROSS-LS3250C_PDIP Datasheet
277Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS3250C_SOIC MICROSS-LS3250C_SOIC Datasheet
277Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
More results

Similar Description - LS3250C

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3250 LINEAR-3250 Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310 LINEAR-LS310_14 Datasheet
360Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com