Electronic Components Datasheet Search
  English  ▼

X  

LSK189 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LSK189
Description  LOW NOISE, LOW CAPACITANCE SINGLE N-CHANNEL JFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK189 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LSK189_15 Datasheet HTML 1Page - Linear Integrated Systems LSK189_15 Datasheet HTML 2Page - Linear Integrated Systems LSK189_15 Datasheet HTML 3Page - Linear Integrated Systems LSK189_15 Datasheet HTML 4Page - Linear Integrated Systems LSK189_15 Datasheet HTML 5Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201150 04/02/2015 Rev#A19 ECN# LSK189
NOTES:
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse Test: PW ≤ 300µs, Duty Cycle ≤ 3%.
3.
All characteristics MIN/TYP/MAX numbers are absolute values. Negative values indicate electrical polarity only.
4.
Derate 2.8 mW °C above 25°C.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com