Electronic Components Datasheet Search
  English  ▼

X  

SST4118 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # SST4118
Description  ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST4118 Datasheet(HTML) 1 Page - Linear Integrated Systems

  SST4118 Datasheet HTML 1Page - Linear Integrated Systems SST4118 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201135 11/30/2015 Rev#A9 ECN# 2N & SST 4117 4118 4119
FEATURES
LOW POWER
IDSS<600 µA (2N4117A)
MINIMUM CIRCUIT LOADING
IGSS<1 pA (2N4117A Series)
ABSOLUTE MAXIMUM RATINGS (NOTE 3)
@ 25°C (unless otherwise noted)
Gate-Source or Gate-Drain Voltage
-40V
Gate-Current
50mA
Total Device Dissipation
(Derate 2mW/ºC above 25ºC)
300mW
Storage Temperature Range
-55ºC to+150ºC
Lead Temperature
(1/16” from case for 10 seconds)
300ºC
ELECTRICAL CHARACTERISTICS @ 25ºC (unless otherwise noted)
SYMBOL
CHARACTERISTIC
4117
4118
4119
UNITS
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
BVGSS
Gate-Source Breakdown
Voltage
-40
--
-40
--
-40
--
V
IG =-1µA
VDS=0
VGS(off)
Gate-Source Cutoff Voltage
-0.6
-1.8
-1
-3
-2
-6
VDS =10V ID=1nA
IDSS
Saturation Drain Current
(NOTE 2)
0.03
0.60
0.08
0.60
0.20
0.80
mA
VDS =10V VGS=0
IGSS
Gate Reverse Current
2N4117A, 2N4118A, 2N4119A
--
-1
--
-1
--
-1
pA
VGS =-20V VDS=0
--
-2.5
--
-2.5
--
-2.5
nA
150ºC
PN4117, PN4118, PN4119
SST4117, SST4118, SST4119
--
-10
--
-10
--
-10
pA
VGS =-10V VDS=0
--
-25
--
-25
--
-25
nA
150ºC
gfs
Common-Source Forward
Transconductance
70
450
80
650
100
700
µS
VDS =10V VGS=0
f=1kHz
gos
Common-Source Output
Conductance
--
3
--
5
--
10
Ciss
Common-Source Input
Capacitance (NOTE 4)
--
3
--
3
--
3
pF
f=1MHz
Crss
Common-Source Reverse
Transfer Capacitance (NOTE 4)
--
1.5
--
1.5
--
1.5
2N/PN/SST 4117,
4118, 4119
ULTRA-HIGH INPUT IMPEDANCE
N-CHANNEL JFET AMPLIFIER
2N SERIES
SST SERIES
PN SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
TO-72
TOP VIEW
TO-92
TOP VIEW
SOT-23
TOP VIEW
1
2
3
D
S
G


Similar Part No. - SST4118

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST4118 CALOGIC-SST4118 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Vishay Siliconix
SST4118 VISHAY-SST4118 Datasheet
61Kb / 5P
N-Channel JFETs
28-Jun-04
SST4118 VISHAY-SST4118 Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
logo
Micross Components
SST4118 MICROSS-SST4118 Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix SST4118
logo
Calogic, LLC
SST4118 CALOGIC-SST4118 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
More results

Similar Description - SST4118

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS4117-9 LINEAR-LS4117-9 Datasheet
14Kb / 1P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS4117_SOT-23 MICROSS-LS4117_SOT-23 Datasheet
284Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117_TO-92 MICROSS-LS4117_TO-92 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117A_TO-71 MICROSS-LS4117A_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117A_TO-92 MICROSS-LS4117A_TO-92 Datasheet
286Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118_TO-71 MICROSS-LS4118_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118_TO-92 MICROSS-LS4118_TO-92 Datasheet
286Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4119_TO-92 MICROSS-LS4119_TO-92 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4119A_TO-71 MICROSS-LS4119A_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
logo
Linear Integrated Syste...
2N-PN-SST4117 LINEAR-2N-PN-SST4117 Datasheet
168Kb / 2P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com