Electronic Components Datasheet Search
  English  ▼

X  

LMS400-2000 Datasheet(PDF) 6 Page - SICK AG

Part # LMS400-2000
Description  2D LASER SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LMS400-2000 Datasheet(HTML) 6 Page - SICK AG

  LMS400-2000 Datasheet HTML 1Page - SICK AG LMS400-2000 Datasheet HTML 2Page - SICK AG LMS400-2000 Datasheet HTML 3Page - SICK AG LMS400-2000 Datasheet HTML 4Page - SICK AG LMS400-2000 Datasheet HTML 5Page - SICK AG LMS400-2000 Datasheet HTML 6Page - SICK AG LMS400-2000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS400-2000 | LMS4xx
2D LASER SCANNERS
6
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-24 16:08:09
Subject to change without notice
Brief description
Type
Part no.
Head A: female connector, D-Sub, 15-pin, straight
Head B: male connector, D-Sub, 15-pin, straight
Cable: shielded, 3 m
Connection ca-
ble for connec-
tion to CDM490
2020302
Head A: male connector, RJ45
Head B: male connector, RJ45
Cable: Ethernet, unshielded, 10 m
For plug hood
Connection ca-
ble (male connec-
tor-male connector)
2030467
Head A: male connector, RJ45
Head B: male connector, RJ45
Cable: Ethernet, unshielded, 3 m
For plug hood
Connection ca-
ble standard
2062036
Head A: male connector, female connector, D-Sub-HD, 15-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Female connector, RJ45
Cable: CAN, unshielded, 3 m
For VMD, Master
Connection hood
2030535
Optics cloths
Cloth for cleaning the front screen
Lens cloth
4003353



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com