Electronic Components Datasheet Search
  English  ▼

X  

U403 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # U403
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

U403 Datasheet(HTML) 1 Page - Linear Integrated Systems

  U403 Datasheet HTML 1Page - Linear Integrated Systems U403 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201123 03/18/2015 Rev#A8 ECN# SST/U401 SST/U406
FEATURES
LOW DRIFT
│VGS1-2/T│= 10µV/ºC TYP.
LOW NOISE
en=6nV/Hz@10Hz TYP.
LOW PINCHOFF
VP=2.5V MAX.
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25 °C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Operating Junction Temperature
-55 to +150°C
Maximum Voltage and Current for Each Transistor NOTE 1
-VGSS
Gate Voltage to Drain or Source
50V
-VDSO
Drain to Source Voltage
50V
-IG(f)
Gate Forward Current
10mA
Maximum Power Dissipation per side NOTE 2
Device Dissipation TA = 25°C
300mW
MATCHING CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL
CHARACTERISTIC
U401
U402
U403
U404
U405
U406 UNITS
CONDITIONS
│VGS1-2/T│max.
Drift vs. Temperature
10
10
25
25
40
80
µV/ºC
VDG = 10V, ID = 200µA
TA = -55ºC to +125ºC
│VGS1-2│max.
Offset Voltage
5
10
10
15
20
40
mV
VDG = 10V, ID = 200µA
ELECTRICAL CHARACTERISTICS TA = 25ºC (unless otherwise noted) NOTE 3
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BVGSS
Breakdown Voltage
-50
-60
--
V
VDS= 0
ID= 1nA
BVG1G2
Gate-to-Gate Breakdown
±50
--
--
V
IG= ±1µA
ID= 0,
IS = 0
TRANSCONDUCTANCE
Gfss
Full Conduction
2000
--
7000
µS
VDG= 10V
VGS= 0
f = 1kHz
Gfs
Typical Operation
1000
--
2000
µS
VDG= 15V
ID= 200µA f = 1kHz
│Gfs1/Gfs2│
Mismatch
0.97
--
1.0
IDSS
Saturation Drain Current
0.5
--
10
mA
VDG= 10V
VGS= 0
IDSS1
IDSS2
Saturation Current Ratio
0.9
0.98
1.0
GATE VOLTAGE
VGS(off) or VP
Pinchoff Voltage
-0.5
--
-2.5
V
VDS= 15V
ID= 1nA
VGS
Operating Range
--
--
-2.3
V
VDS= 15V
ID= 200µA
GATE CURRENT
IG
Operating
--
-4
-15
pA
VDG= 15V
ID= 200µA
IG
High Temperature
--
--
-10
nA
TA=+125ºC
IGSS
Gate Reverse Current
--
--
-100
pA
VGS=-30v, VDS= 0V
IG1G2
Gate to Gate Isolation Current
--
--
±1.0
µA
VG1-VG2= ±50V, ID= IS= 0
SST/U401
– SST/U406
LOW NOISE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER
TO-71
Top View
SOIC
Top View


Similar Part No. - U403

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U403 CALOGIC-U403 Datasheet
26Kb / 2P
Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U403 LINEAR-U403 Datasheet
241Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U403 INTERSIL-U403 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
U403 NJSEMI-U403 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
Micross Components
U403 MICROSS-U403 Datasheet
286Kb / 1P
Linear Systems replaces discontinued Siliconix U403 with LSU403
More results

Similar Description - U403

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N5905 MICROSS-2N5905 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5909 MICROSS-2N5909 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com