Electronic Components Datasheet Search
  English  ▼

X  

TFS134C Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS134C
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS134C Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS134C Datasheet HTML 1Page - Vectron International, Inc TFS134C Datasheet HTML 2Page - Vectron International, Inc TFS134C Datasheet HTML 3Page - Vectron International, Inc TFS134C Datasheet HTML 4Page - Vectron International, Inc TFS134C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: TFS134C.DOC
Version 1.7
26.08.2011
Vectron International
Filter specification
TFS 134C
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Filter characteristic
109.7
114.56
119.42
124.28
129.14
134
138.86
143.72
148.58
153.44
158.3
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
frequency in MHz
insertion loss: -7.93 dB
133
133.2
133.4
133.6
133.8
134
134.2
134.4
134.6
134.8
135
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
frequency in MHz
133
133.2
133.4
133.6
133.8
134
134.2
134.4
134.6
134.8
135
0.98
1.07
1.16
1.25
1.34
1.43
1.52
1.61
1.7
1.79
1.88
frequency in MHz
Construction and pin connection
(All dimensions in mm)
9,1 -0,1
+ 0,2
1
5,08
1
0,8
1
3
6
8
Date code
3
5
* Note that pin 2 and pin 7 are NOT to be bonded to package ground internally.
50 Ohm Test circuit
L1
L2
SAW
L3
L4
1
6
3, 4, 5, 8, 9, 10
7
2
TFS 134C
●
C01
1
Input
2
Input RF Return *
3
Ground
4
Ground
5
Ground
6
Output
7
Output RF Return *
8
Ground
9
Ground
10
Ground
Date code:
Year + week
A
2010
B
2011
C
2012
...



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com