Electronic Components Datasheet Search
  English  ▼

X  

UX-F5B Datasheet(PDF) 3 Page - Sanken electric

Part # UX-F5B
Description  High Frequency and High Voltage Rectifier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

UX-F5B Datasheet(HTML) 3 Page - Sanken electric

  UX-F5B Datasheet HTML 1Page - Sanken electric UX-F5B Datasheet HTML 2Page - Sanken electric UX-F5B Datasheet HTML 3Page - Sanken electric UX-F5B Datasheet HTML 4Page - Sanken electric UX-F5B Datasheet HTML 5Page - Sanken electric UX-F5B Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UX-F5B
UX-F5B-DS Rev.1.01
SANKEN ELECTRIC CO.,LTD.
3
Apr. 02, 2015
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
20
40
60
80
100
120
140
CaseTemperature (°C)
V
R = 0 V, Rth(j-c) = 13.0 °C/W
Derating Curve
Tc-IF(AV)
*Case temperature measured surface temperature of the seal center.
DC
t/T=1/2
Tj=120℃
t
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com