Electronic Components Datasheet Search
  English  ▼

X  

TFS150AL Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS150AL
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS150AL Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS150AL Datasheet HTML 1Page - Vectron International, Inc TFS150AL Datasheet HTML 2Page - Vectron International, Inc TFS150AL Datasheet HTML 3Page - Vectron International, Inc TFS150AL Datasheet HTML 4Page - Vectron International, Inc TFS150AL Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 150al.doc
Version 2.3
23.02.2011
Vectron International
Filter specification
TFS 150AL
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Filter characteristic
140
145
150
155
160
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
frequency in MHz
140
145
150
155
160
2.43
2.466
2.502
2.538
2.574
2.61
2.646
2.682
2.718
2.754
2.79
frequency in MHz
100
110
120
130
140
150
160
170
180
190
200
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
20 ±0,20
1,91
7,62
1,02
15
6
10
Date code
TFS 150AL
●
B06
1
Ground
2
Ground
3
Ground
4
Output RF Return
5
Output
6
Ground
7
Ground
8
Ground
9
Input RF Return
10
Input
Date code:
Year + week
X
2009
A
2010
B
2011
...
50 Ohm Test circuit
1, 2, 3, 4, 6, 7, 8, 9
R2
C2
L3
10
5
L1
C1
L2
SAW
R1
L4
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com