Electronic Components Datasheet Search
  English  ▼

X  

TFS174G Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS174G
Description  VI TELEFILTER Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS174G Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS174G Datasheet HTML 1Page - Vectron International, Inc TFS174G Datasheet HTML 2Page - Vectron International, Inc TFS174G Datasheet HTML 3Page - Vectron International, Inc TFS174G Datasheet HTML 4Page - Vectron International, Inc TFS174G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 174g.doc
Version 1.5
26.10.2007
VI TELEFILTER
Filter specification
TFS 174G
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
390 Ω || -7 pF
Output:
285 Ω || -8 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 174G is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 174,0 MHz without any tolerance. The given values for both the
relative attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
11
dB
max.
20
dB
(reference level)
Nominal frequency
fN
-
174,0
MHz
Centre frequency
fC
174,0
MHz
-
Passband
PB
27,5
MHz
fN
±
12
MHz
Pass band ripple
0,2
dB
max.
1
dB
Bandwidth
BW
3
dB
29,4
MHz
min.
26
MHz
40
dB
37
MHz
-
Relative attenuation
arel
fN
... fN ±
12
MHz
0,3
dB
max.
1
dB
fN -
30,0
MHz ... fN -
20,0
MHz
46
dB
min.
40
dB
fN +
20,0
MHz ... fN -
23,5
MHz
40
dB
min.
37
dB
fN +
23,5
MHz ... fN +
30,0
MHz
42
dB
min.
40
dB
Group delay ripple
GD
fN
... fN ±
12
MHz
22
ns
max.
80
ns
fN ±
12
MHz ... fN ±
13
MHz
25
ns
max.
90
ns
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
- 20 °C .. + 72 °C
Storage temperature range
-
- 40 °C .. + 85 °C
Temperature coefficient of frequency
TCf **
- 92
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:
E-Mail:
tft@vectron.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS174G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS174 VECTRON-TFS174 Datasheet
395Kb / 5P
Filter Specification
TFS1747 VECTRON-TFS1747 Datasheet
179Kb / 5P
Filter specification
TFS1747 VECTRON-TFS1747 Datasheet
181Kb / 5P
VI TELEFILTER
TFS1747F VECTRON-TFS1747F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS1747 VECTRON-TFS1747_07 Datasheet
181Kb / 5P
VI TELEFILTER
More results

Similar Description - TFS174G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
VI TELEFILTER Filter specification
TFS1080C VECTRON-TFS1080C Datasheet
85Kb / 5P
VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
VI TELEFILTER Filter specification
TFS1089 VECTRON-TFS1089 Datasheet
143Kb / 5P
VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com