Electronic Components Datasheet Search
  English  ▼

X  

CD4512BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4512BM
Description  8-Channel Buffered Data Selector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4512BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4512BM Datasheet HTML 1Page - National Semiconductor (TI) CD4512BM Datasheet HTML 2Page - National Semiconductor (TI) CD4512BM Datasheet HTML 3Page - National Semiconductor (TI) CD4512BM Datasheet HTML 4Page - National Semiconductor (TI) CD4512BM Datasheet HTML 5Page - National Semiconductor (TI) CD4512BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5993
February 1988
CD4512BMCD4512BC 8-Channel Buffered Data Selector
General Description
The CD4512BMCD4512BC buffered 8-channel data selec-
tor is a complementary MOS (CMOS) circuit constructed
with N- and P-channel enhancement mode transistors This
data selector is primarily used as a digital signal multiplexer
selecting 1 of 8 inputs and routing the signal to a TRI-
STATE
output A high level at the Inhibit input forces a low
level at the output A high level at the Output Enable (OE)
input forces the output into the TRI-STATE condition Low
levels at both the Inhibit and (OE) inputs allow normal oper-
ation
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
TRI-STATE output
Y
Low quiescent power dissipation
025 mWpackage
(typ)
VCC e 50V
Y
Plug-in replacement for Motorola MC14512
Connection Diagram and Truth Table
Dual-In-Line Package
TLF5993 – 1
Top View
Order Number CD4512B
Address Inputs
Control Inputs
Output
C
B
A
Inhibit
OE
Z
000
0
0
X0
001
0
0
X1
010
0
0
X2
011
0
0
X3
100
0
0
X4
101
0
0
X5
110
0
0
X6
111
0
0
X7
jjj
10
0
jjj
j
1
Hi-Z
j e
Don’t care
Hi-Z e TRI-STATE condition
Xn e Data at input n
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4512BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4512BM NSC-CD4512BM Datasheet
142Kb / 6P
8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512BM TI1-CD4512BM Datasheet
1Mb / 16P
CMOS 8-Channel Data Selector
CD4512BM TI1-CD4512BM Datasheet
1Mb / 15P
CMOS 8-Channel Data Selector
CD4512BM TI2-CD4512BM Datasheet
881Kb / 19P
CMOS 8-Channel Data Selector
Revised October 2003
CD4512BM96 TI1-CD4512BM96 Datasheet
1Mb / 16P
CMOS 8-Channel Data Selector
More results

Similar Description - CD4512BM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
8-Channel Data Selector
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
8-CHANNEL DATA SELECTOR
Jun-1989
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
8-Channel Buffered Data Selector
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
8-channel Data Selector
logo
National Semiconductor ...
CD4512BM NSC-CD4512BM Datasheet
142Kb / 6P
8-Channel Buffered Data Selector
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
8-Channel Data Selector
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com