Electronic Components Datasheet Search
  English  ▼

X  

SCM1243MF Datasheet(PDF) 8 Page - Sanken electric

Part # SCM1243MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1243MF Datasheet(HTML) 8 Page - Sanken electric

Back Button SCM1243MF Datasheet HTML 4Page - Sanken electric SCM1243MF Datasheet HTML 5Page - Sanken electric SCM1243MF Datasheet HTML 6Page - Sanken electric SCM1243MF Datasheet HTML 7Page - Sanken electric SCM1243MF Datasheet HTML 8Page - Sanken electric SCM1243MF Datasheet HTML 9Page - Sanken electric SCM1243MF Datasheet HTML 10Page - Sanken electric SCM1243MF Datasheet HTML 11Page - Sanken electric SCM1243MF Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
8
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
3.4.
Transistor Characteristics
Figure 3-2.
Switching time definition
3.4.1. SCM1261MF
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage Current
ICES
VCE = 600 V, VIN = 0 V
−
−
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 10 A, VIN = 5 V
-
1.7
2.2
V
Emitter-to-Collector Diode Forward
Voltage
VF
IF = 10 A,VIN = 0 V
-
1.7
2.2
V
High-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 10 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
−
85
−
ns
Turn-On Delay Time
td(on)
−
700
−
ns
Rise Time
tr
−
100
−
ns
Turn-Off Delay Time
td(off)
−
1070
−
ns
Fall Time
tf
−
90
−
ns
Low-side Switching
Emitter-to-Collector Diode Reverse
Recovery Time
trr
VDC = 300 V, IC = 10 A,
inductive load,
VIN = 0→5 V or 5→0 V,
Tj = 25°C
−
105
−
ns
Turn-On Delay Time
td(on)
−
710
−
ns
Rise Time
tr
−
120
−
ns
Turn-Off Delay Time
td(off)
−
1010
−
ns
Fall Time
tf
−
95
−
ns
IN
10%
90%
td(on)
tr
ton
ID
trr
VDS
10%
90%
td(off)
tf
toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com