Electronic Components Datasheet Search
  English  ▼

X  

SCM1245MF Datasheet(PDF) 6 Page - Sanken electric

Part # SCM1245MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 6 Page - Sanken electric

Back Button SCM1245MF Datasheet HTML 2Page - Sanken electric SCM1245MF Datasheet HTML 3Page - Sanken electric SCM1245MF Datasheet HTML 4Page - Sanken electric SCM1245MF Datasheet HTML 5Page - Sanken electric SCM1245MF Datasheet HTML 6Page - Sanken electric SCM1245MF Datasheet HTML 7Page - Sanken electric SCM1245MF Datasheet HTML 8Page - Sanken electric SCM1245MF Datasheet HTML 9Page - Sanken electric SCM1245MF Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
6
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
3.
Electrical Characteristics
● Current polarities are defined as follows: a current flow going into the IC (sinking) is positive current (+); and a
current flow coming out of the IC (sourcing) is negative current (−).
● Unless specifically noted, T
A = 25°C, VCC = 15 V.
3.1.
Characteristics of Control Parts
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Power Supply Operation
Logic Operation Start Voltage
VCC(ON)
VCC1– COM1
VCC2– COM2
VCC3– COM3
10.5
11.5
12.5
V
VBS(ON)
VB1 – HS1(U)
VB2– HS2(V)
VB3 – HS3(W)
10.5
11.5
12.5
V
Logic Operation Stop Voltage
VCC(OFF)
VCC1– COM1
VCC2– COM2
VCC3– COM3
10.0
11.0
12.0
V
VBS(OFF)
VB1 – HS1(U)
VB2– HS2(V)
VB3 – HS3(W)
10.0
11.0
12.0
V
Logic Supply Current
ICC
VCC1 = VCC2 = VCC3,
COM1 = COM2 = COM3
VCC pin current in 3
phases operating
-
3
-
mA
IBS
VB – HS = 15 V, HIN = 5 V,
VB pin current in single
phase operation
-
140
-
μA
Input Signal
High Level Input Signal
Threshold Voltage (HIN, LIN, FO)
VIH
1.5
2.0
2.5
V
Low Level Input Signal
Threshold Voltage (HIN, LIN, FO)
VIL
1.0
1.5
2.0
V
Input Current at High Level
(HIN, LIN)
IIH
VIN = 5 V
-
230
500
μA
Input Current at Low Level
(HIN, LIN)
IIL
VIN = 0 V
-
-
2
μA
Fault Signal Output
FO Pin Voltage in Fault Signal
Output
VFOL
VFO = 5 V, RFO = 10 kΩ
-
-
0.5
V
FO Pin Voltage in Normal
Operation
VFOH
VFO = 5 V, RFO = 10 kΩ
4.8
-
-
V
Protection
Overcurrent Protection Threshold
Voltage
VTRIP
0.46
0.50
0.54
V
Overcurrent Protection Hold
Time
tP
20
26
-
μs
Overcurrent Protection Blanking
Time
tBK
VTRIP = 1 V
-
1.65
-
μs
SCM124xMF
SCM125xMF
-
0.54
-
SCM126xMF
Thermal Shutdown Operating
Temperature*
TDH
135
150
-
°C
Thermal Shutdown Releasing
Temperature*
TDL
105
120
-
°C
* Refers to the junction temperature of the built-in controller ICs (MICs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com