Electronic Components Datasheet Search
  English  ▼

X  

SCM1246MF Datasheet(PDF) 32 Page - Sanken electric

Part # SCM1246MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1246MF Datasheet(HTML) 32 Page - Sanken electric

Back Button SCM1246MF Datasheet HTML 28Page - Sanken electric SCM1246MF Datasheet HTML 29Page - Sanken electric SCM1246MF Datasheet HTML 30Page - Sanken electric SCM1246MF Datasheet HTML 31Page - Sanken electric SCM1246MF Datasheet HTML 32Page - Sanken electric SCM1246MF Datasheet HTML 33Page - Sanken electric SCM1246MF Datasheet HTML 34Page - Sanken electric SCM1246MF Datasheet HTML 35Page - Sanken electric SCM1246MF Datasheet HTML 36Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
32
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
phase, and Figure 13-4 shows the low-side transistor
(Q1L) in U phase. And all the pins that are not
represented in these figures are open.
Before conducting a measurement, be sure to isolate
the ground of a measurement phase from those of other
two phases. Then, in each of the two separated phases,
connect the LSx and COMx pins each other at the same
potential, and leave them unused and floated.
MIC1
COM1
VBB
W
LS3
V
LS2
U
LS1
COM2
COM3
MIC2
MIC3
20
31
27
30
Q1H
Q1L
Q2H
Q2L
Q3H
Q3L
26
33
29
12
4
32
25
V
U1
Figure 13-3.
Typical measurement circuit of high-side
transistor (Q1H) in U phase
MIC1
COM1
VBB
W
LS3
V
LS2
U
LS1
COM2
COM3
MIC2
MIC3
20
31
27
30
25
Q1H
Q1L
Q2H
Q2L
Q3H
Q3L
26
33
V
29
12
4
32
U1
Figure 13-4.
Typical measurement circuit of low-side
transistor (Q1L) in U phase
14. Calculating
Power
Losses
and
Estimating Junction Temperatures
This section describes the procedures to: calculate
power losses in a switching transistor; and estimate
junction
temperatures.
Note
that
the
following
descriptions are applicable to the SCM1200MF series,
which is controlled by a three-phase sine-wave PWM
driving strategy.
The total power losses in an IGBT can be obtained by
taking the sum of steady-state loss, PON, and switching
loss, PSW.
The following subsections contain the mathematical
procedures to calculate power losses in an IGBT and its
junction temperature.
14.1. IGBT Steady-State Loss, PON
The steady-state loss in an IGBT can be computed by
using the VCE(SAT) vs. IC curves, shown in Section 15.3.1.
As shown
in Figure
14-1,
the
following linear
approximate equation can be obtained from the curves:
VCE(SAT) = α × IC + β. The slope and intercept of the
linear approximate equation are used in Formula (4).
Table 14-1 lists the reference slopes and intercepts of
the linear approximate equation at a half of output
current, 0 to 0.5 × IO.
The values calculated with the linear approximation
greatly differ at the point where IC is near zero. But in
dissipation calculation, the difference is regarded as an
error tolerance. Hence, the equation for the steady-state
loss, PON, is:
(4)
Where:
VCE(SAT) is the collector-to-emitter saturation
voltage of the IGBT in V,
IC is the collector current of the IGBT in A, and
DT is the on-time duty cycle.
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is the effective motor current in A,
α is the slope of the linear approximate equation in the
VCE(SAT) vs. IC curve, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com