Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3554_16 Datasheet HTML 35Page - Texas Instruments LM3554_16 Datasheet HTML 36Page - Texas Instruments LM3554_16 Datasheet HTML 37Page - Texas Instruments LM3554_16 Datasheet HTML 38Page - Texas Instruments LM3554_16 Datasheet HTML 39Page - Texas Instruments LM3554_16 Datasheet HTML 40Page - Texas Instruments LM3554_16 Datasheet HTML 41Page - Texas Instruments LM3554_16 Datasheet HTML 42Page - Texas Instruments LM3554_16 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
39
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Time Base: 100 µs/div
ILED = 1.2 A
VOUT = 5 V
Ch 1: VOUT (2 V/div)
Ch 2: IL (1 A/div)
Single LED
Ch 4: ILED (500mA/div)
Ch 3: ENVM (5 V/div)
Figure 63. Flash Pulse and VOUT to Flash Pulse
Time Base: 200 µs/div
Circuit of Figure 43
Single LED
ILED = 1.2 A
Ch 3: NTC pin voltage (5 V/div)
Ch 4: ILED (500 mA/div)
R(T) = 100 k
Ω at 25°C
R3 = 9 k
Ω
Figure 64. NTC Mode Response
Time Base: 100 ms/div
ILED = 1.2 A
3.1-V UVLO Setting
Ch 3: VIN (1V/div)
Ch 4: ILED (500 mA/div)
Single LED
Figure 65. VIN Monitor Response
9 Power Supply Recommendations
The LM3554 is designed to operate from an input supply range of 2.5 V to 5.5 V. This input supply must be well
regulated and provide the peak current required by the LED configuration and inductor selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com