Electronic Components Datasheet Search
  English  ▼

X  

TRF6900 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF6900
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF6900 Datasheet HTML 17Page - Texas Instruments TRF6900 Datasheet HTML 18Page - Texas Instruments TRF6900 Datasheet HTML 19Page - Texas Instruments TRF6900 Datasheet HTML 20Page - Texas Instruments TRF6900 Datasheet HTML 21Page - Texas Instruments TRF6900 Datasheet HTML 22Page - Texas Instruments TRF6900 Datasheet HTML 23Page - Texas Instruments TRF6900 Datasheet HTML 24Page - Texas Instruments TRF6900 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TRF6900
SINGLE-CHIP RF TRANSCEIVER
SLAS213C – SEPTEMBER 1999 – REVISED MAY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power amplifier
The power amplifier (PA) can be programmed via two bits (P0 and P1 in the D-word) to provide varying output
power levels. Several control loops are implemented internally to set the output power and to minimize the
sensitivity of the power amplifier to temperature, load impedance, and power supply variations. The output stage
of the PA usually operates in Class-C and enables easy impedance matching. PA_OUT, terminal 5, is an open
collector output terminal.
2
–2
2
–0.5
0.5
1
1
↑1 U
5
1
0.5
0.2
0
–1
–5
START 850 MHz
STOP 950 MHz
CH1 S22
CAL
OFS
CPL
FIL
1k
10
Figure 22. Power Amplifier Output Impedance (S22) at Device Terminal 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com