Electronic Components Datasheet Search
  English  ▼

X  

AD9993BBCZRL Datasheet(PDF) 18 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 14Page - Analog Devices AD9993BBCZRL Datasheet HTML 15Page - Analog Devices AD9993BBCZRL Datasheet HTML 16Page - Analog Devices AD9993BBCZRL Datasheet HTML 17Page - Analog Devices AD9993BBCZRL Datasheet HTML 18Page - Analog Devices AD9993BBCZRL Datasheet HTML 19Page - Analog Devices AD9993BBCZRL Datasheet HTML 20Page - Analog Devices AD9993BBCZRL Datasheet HTML 21Page - Analog Devices AD9993BBCZRL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AD9993
Data Sheet
Rev. A | Page 18 of 56
Figure 23. Differential Double Balun Input Configuration
In the double balun and transformer configurations, the value of
the input capacitors and resistors is dependent on the input
frequency and source impedance. Based on these parameters,
the value of the input resistors and capacitors may need to be
adjusted or some components may need to be removed. Table 7
displays recommended values to set the RC network for the
0 MHz to 100 MHz frequency range:
Table 7. Example RC Network
Component
Value
R1 Series
33 Ω
C1 Differential
8.2 pF
R2 Series
0 Ω
C2 Shunt
15 pF
R3 Shunt
49.9 Ω
The values given in Table 7 are for each R1, R2, C1, C2, and R3
component shown in Figure 22 and Figure 23.
ADRF6518 as ADC Driver
The ADRF6518 is a variable gain amplifier and low-pass filter
that is designed to drive the analog inputs of analog-to-digital
converters like the ones included in the AD9993. A principle
application of the ADRF6518 is as part of the signal chain in a
wideband radio receiver. Figure 32 shows a block diagram for a
wideband microwave radio that includes the ADRF6518 and
the AD9993.
The low impedance (<10 Ω) output buffers of the ADRF6518
are designed to drive ADC inputs. They are capable of delivering
up to 4 V p-p composite two-tone signals into 400 Ω differential
loads with >60 dBc IMD3. The output common-mode voltage
can be adjusted to 900 mV (the AD9993 input common-mode
voltage) without loss of drive capability by presenting the
ADRF6518 VOCM pin with the desired common-mode voltage.
The high input impedance of VOCM allows the AD9993 refer-
ence output (A_CML, B_CML, C_CML or D_CML) to be
connected directly.
DACs
The MxFE DACs are part of the Analog Devices high speed
CMOS DAC core family. These DACs are designed to be used
as part of wide bandwidth communication system transmitter
signal chains.
DAC TRANSFER FUNCTION
The AD9993 DACs provide two differential current outputs:
IOUTA_P/IOUTA_N, and IOUTB_P/IOUTB_N.
The DAC output current equations are as follows:
IOUTx_P = IOUTFS × DACx input code/214
IOUTx_N = IOUTFS × ((214 − 1) − DACx input code)/214
where:
DACx input code = 0 to 214 − 1.
IOUTFS is the full-scale output current or DAC gain specified in
Table 1.
IOUTFS = 32 × IIREFx
where IREFx = VREFDAC/RFSADJ_x.
Each DAC has its own IREFx set resistor, RFSADJ_x. RFSADJ_x resistors
can be on or off chip at the discretion of the users. The nominal
value of RFSADJ_x is 1.6 kΩ. The nominal value of VREFDAC is 1.0 V.
VREFDAC can be selected as the on-chip band gap reference or as
an external user supplied reference.
DAC outputs have a sin(πfOUT/fDAC)/(πfOUT/fDAC) envelope
response as a function frequency. This response is also referred
to as a sinc envelope.
DAC OUTPUT COMPLIANCE VOLTAGE RANGE
AND AC PERFORMANCE
Each DAC has a pair of differential current outputs. The
compliance voltage range for each of these two outputs is
specified in Table 1. Optimal DAC ac performance is achieved
when the output common-mode voltage is between 0.0 V and
0.5 V. and the signal swing falls within the compliance range.
x_VINP
x_VINN x_CML
ADC
R1
0.1µF
0.1µF
2V p-p
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
R3
R3
0.1µF
33Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com