Electronic Components Datasheet Search
  English  ▼

X  

ADG5419 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG5419
Description  High Voltage Latch-Up Proof, Single SPDT Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5419 Datasheet(HTML) 3 Page - Analog Devices

  ADG5419 Datasheet HTML 1Page - Analog Devices ADG5419 Datasheet HTML 2Page - Analog Devices ADG5419 Datasheet HTML 3Page - Analog Devices ADG5419 Datasheet HTML 4Page - Analog Devices ADG5419 Datasheet HTML 5Page - Analog Devices ADG5419 Datasheet HTML 6Page - Analog Devices ADG5419 Datasheet HTML 7Page - Analog Devices ADG5419 Datasheet HTML 8Page - Analog Devices ADG5419 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADG5419
Rev. A | Page 3 of 19
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
13.5
Ω typ
VS = ±10 V, IS = −10 mA; see Figure 27
15
19
23
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match Between Channels,
∆RON
0.1
Ω typ
VS = ±10 V, IS = −10 mA
0.8
1.3
1.4
Ω max
On-Resistance Flatness, RFLAT (ON)
1.8
Ω typ
VS = ±10 V, IS = −10 mA
2.2
2.7
3.1
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = ±10 V, VD =
 10 V; see Figure 24 and
Figure 25
±0.25
±1
±10
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = ±10 V, VD =
 10 V; see Figure 25
±0.4
±4
±10
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = ±10 V; see Figure 24 and
Figure 26
±0.4
±4
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
6
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
217
ns typ
RL = 300 Ω, CL = 35 pF
260
310
336
ns max
VS = 10 V; see Figure 32
tON (EN)
179
ns typ
RL = 300 Ω, CL = 35 pF
212
261
298
ns max
VS = 10 V; see Figure 33
tOFF (EN)
153
ns typ
RL = 300 Ω, CL = 35 pF
176
195
209
ns max
VS = 10 V; see Figure 33
Break-Before-Make Time Delay, tD
86
ns typ
RL = 300 Ω, CL = 35 pF
45
ns min
VS = 10 V; see Figure 34
Charge Injection, QINJ
130
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 35
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 29
Channel-to-Channel Crosstalk
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion + Noise
0.01
% typ
RL = 1 kΩ, 15 V p-p, f = 20 Hz to 20 kHz; see
Figure 30
−3 dB Bandwidth
190
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31
Insertion Loss
−0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 31
CS (Off)
12
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
23
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
55
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
45
μA typ
Digital inputs = 0 V or VDD
55
70
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
VDD/VSS
±9/±22
V min/V max
GND = 0 V
1 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com