Electronic Components Datasheet Search
  English  ▼

X  

MPD784035 Datasheet(PDF) 21 Page - NEC

Part # MPD784035
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784035 Datasheet(HTML) 21 Page - NEC

Back Button MPD784035 Datasheet HTML 17Page - NEC MPD784035 Datasheet HTML 18Page - NEC MPD784035 Datasheet HTML 19Page - NEC MPD784035 Datasheet HTML 20Page - NEC MPD784035 Datasheet HTML 21Page - NEC MPD784035 Datasheet HTML 22Page - NEC MPD784035 Datasheet HTML 23Page - NEC MPD784035 Datasheet HTML 24Page - NEC MPD784035 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
µPD784031
21
7.2.2
Control registers
(1) Program counter (PC)
This register is a 20-bit program counter. The program counter is automatically updated by program execution.
Figure 7-3. Format of Program Counter (PC)
19
0
PC
(2) Program Status Word (PSW)
This register holds the CPU state. The program status word is automatically updated by program execution.
Figure 7-4. Format of Program Status Word (PSW)
PSWH
PSWL
PSW
15
14
13
12
UF
RBS2
RBS1
RBS0
11
10
9
8
7
654
3
2
1
0
S
Z
RSSNote
AC
IE
P/V
0
CY
Note
This flag is used to maintain compatibility with the 78K/III series. This flag must be set to 0 when programs
for the 78K/III series are being used.
(3) Stack pointer (SP)
This register is a 24-bit pointer for holding the start address of the stack. The high-order 4 bits must be set
to 0.
Figure 7-5. Format of Stack Pointer (SP)
23
20
0
PC
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com