Electronic Components Datasheet Search
  English  ▼

X  

ES235 Datasheet(PDF) 30 Page - Cyrustek corporation

Part # ES235
Description  4000 Counts DMM / Peak
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES235 Datasheet(HTML) 30 Page - Cyrustek corporation

Back Button ES235 Datasheet HTML 26Page - Cyrustek corporation ES235 Datasheet HTML 27Page - Cyrustek corporation ES235 Datasheet HTML 28Page - Cyrustek corporation ES235 Datasheet HTML 29Page - Cyrustek corporation ES235 Datasheet HTML 30Page - Cyrustek corporation ES235 Datasheet HTML 31Page - Cyrustek corporation ES235 Datasheet HTML 32Page - Cyrustek corporation ES235 Datasheet HTML 33Page - Cyrustek corporation ES235 Datasheet HTML 34Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
V 2.2
30
2015/12/15
ES235
4000 Counts DMM / Peak
AUTO: When auto range is selected.
MANU: When manual mode is selected.
AC: When AC mode is selected.
DC: When DC mode is selected.
OL: When ‘OL’ is displayed on LCD.
UL: When’UL’ is displayed on LCD.
SLB3/SLB2/SLB1: When low battery segment is shown on LCD.
LBAT30s: When ‘Lobt’ is shown on LCD.
BW1k/full: Indication of low-pass-filter 3dB bandwidth.
HOLD: When Data HOLD mode is active.
REL: When Relative mode is active.
ZERO: When Zero mode is active.
MAX/MIN/CURRENT: When MAX/MIN mode is active. If CURRENT=1 means MAX/MIN symbol is blinking on
LCD.
Clamp: When clamp current mode is selected.
PHCAL/PMAX/PMIN: When PEAK-hold mode is active. If PHCAL=1 means the internal calibration is in process.
Danger: Hazard voltage warning symbol is active on LCD.
OPEN: Open state is detected on Scan mode.
SHORT: Short circuit is detected on Continuity or diode mode.
DISC: The ‘DisC’ is shown on LCD. It means the DUT is necessary to be discharged on Cap mode.
4.5.
Unit
This packet indicates the measurement unit of the LCD display.
D0
D1
D2
D3
D4
D5
D6
D7
a14
Mega
Kilo
X
Mili
X
Micro
X
Nano
4.6.
Bargraph
The a15 packet is the readings of bar-graph shown on LCD panel. B05 – B01 consist of 5-bit
unsigned binary code. The B_SIGN is the sign bit of bar-graph.
The format of this packet is shown below.
D0
D1
D2
D3
D4
D5
D6
D7
a15
B_SIGN
X
B05
B04
B03
B02
B01
X
4.7.
CR
Carriage return: The transmitted code is 00001101.
4.8.
LF
Line feed: The transmitted code is 00001010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com