Electronic Components Datasheet Search
  English  ▼

X  

ES236 Datasheet(PDF) 2 Page - Cyrustek corporation

Part # ES236
Description  4000 Counts DMM / Inrush
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES236 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES236 Datasheet HTML 1Page - Cyrustek corporation ES236 Datasheet HTML 2Page - Cyrustek corporation ES236 Datasheet HTML 3Page - Cyrustek corporation ES236 Datasheet HTML 4Page - Cyrustek corporation ES236 Datasheet HTML 5Page - Cyrustek corporation ES236 Datasheet HTML 6Page - Cyrustek corporation ES236 Datasheet HTML 7Page - Cyrustek corporation ES236 Datasheet HTML 8Page - Cyrustek corporation ES236 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
V 2.2
2
2015/12/15
ES236
4000 Counts DMM / Inrush
Application
Digital multimeter
Clamp meter
Pin Assignment
 128L LQFP package
CSHP
127
CSHN
128
LPC1
39
LPC2
40
LPC3
41
CAN
42
CAP
43
R10K
44
R1K
45
OVX
46
OVH
47
OVH1
48
SLEEP
49
FREQ
50
CALENP
51
SDAP
52
BZOUT
54
BKOUT
55
ALARM1
56
ALARM
57
BP4
58
BP3
59
BP2
60
BP1
61
SEG29
62
SEG28
63
INRUSH
103
HZ
104
MMX
105
REL
106
BKLIT
107
KEY
108
HOLD
109
RANGE
110
FC5
111
FC4
112
FC3
113
FC2
114
FC1
115
SLACDC
116
CN
117
CP
118
LBAT9
119
V-
120
V-
121
V+
122
V+
123
DGND
124
AGND
125
AGND
126
SCLP
53
SEG27
64
ES236
Cyrustek.
com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com