Electronic Components Datasheet Search
  English  ▼

X  

ES237 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES237
Description  6000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES237 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES237 Datasheet HTML 9Page - Cyrustek corporation ES237 Datasheet HTML 10Page - Cyrustek corporation ES237 Datasheet HTML 11Page - Cyrustek corporation ES237 Datasheet HTML 12Page - Cyrustek corporation ES237 Datasheet HTML 13Page - Cyrustek corporation ES237 Datasheet HTML 14Page - Cyrustek corporation ES237 Datasheet HTML 15Page - Cyrustek corporation ES237 Datasheet HTML 16Page - Cyrustek corporation ES237 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
V 2.2
13
2015/12/15
ES237
6000 Counts DMM
1.10. Diode Measurement
Diode measurement mode shares the same configuration with 6.000V manual voltage measurement
mode and has buzzer output to indicate continuity. The buzzer generates a 2KHz sound and ALARM1
(pin 56) drive high output (V+ level) whenever the reading is less than 30mV. If the test circuit is
open or the voltage drop between the two ports of the diode under test is larger than 2V or 2.5V
(depends on SEL2 pin level), the LCD panel will show “OL”.
SEL2
V+
DGND
Floating
V-
OL
2.500V
2.000V
2.500V
2.000V
The ES237 also support a LED forward voltage measurement mode. It is necessary to use external
source to achieve the measurement. The following table & diagram summarizes the diode & LED
measurement mode.
Mode
SLACDC
FC1~4
SEL2
Full Scale
Input Terminal
LED
1
0,0,1,0
V+ or FLOAT
3.500V
VR1 V.S. SGND
LED
PTC
LEDMode
R
1.111M
10M
OVH
V+
OVSG
V
ES235 / 236 / 238 / 239
PTC
External Source
Diode Mode
Internal Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com