Electronic Components Datasheet Search
  English  ▼

X  

MPD784031 Datasheet(PDF) 3 Page - NEC

Part # MPD784031
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784031 Datasheet(HTML) 3 Page - NEC

  MPD784031 Datasheet HTML 1Page - NEC MPD784031 Datasheet HTML 2Page - NEC MPD784031 Datasheet HTML 3Page - NEC MPD784031 Datasheet HTML 4Page - NEC MPD784031 Datasheet HTML 5Page - NEC MPD784031 Datasheet HTML 6Page - NEC MPD784031 Datasheet HTML 7Page - NEC MPD784031 Datasheet HTML 8Page - NEC MPD784031 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
µPD784031
3
Functions
Item
Function
ROM
RAM
Total
Input
Input/output
Output
Pins with pull-
up resistor
LED direct
drive outputs
Transistor
direct drive
113
8 bits
× 16 registers × 8 banks, or 16 bits × 8 registers × 8 banks (memory mapping)
125 ns/250 ns/500 ns/1 000 ns (at 32 MHz)
None
2 048 bytes
Program and data: 1M byte
46
8
34
4
32
8
8
4 bits
× 2, or 8 bits × 1
Timer/counter 0:
Timer register
× 1
Pulse output capability
(16 bits)
Capture register
× 1
• Toggle output
Compare register
× 2
• PWM/PPG output
• One-shot pulse output
Timer/counter 1:
Timer register
× 1
Pulse output capability
(8/16 bits)
Capture register
× 1
• Real-time output (4 bits × 2)
Capture/compare register
× 1
Compare register
× 1
Timer/counter 2:
Timer register
× 1
Pulse output capability
(8/16 bits)
Capture register
× 1
• Toggle output
Capture/compare register
× 1
• PWM/PPG output
Compare register
× 1
Timer 3
:
Timer register
× 1
(8/16 bits)
Compare register
× 1
12-bit resolution
× 2 channels
UART/IOE (3-wire serial I/O)
: 2 channels (incorporating baud rate generator)
CSI (3-wire serial I/O, 2-wire serial I/O): 1 channel
8-bit resolution
× 8 channels
8-bit resolution
× 2 channels
1 channel
HALT/STOP/IDLE mode
23 (16 internal, 7 external (sampling clock variable input: 1))
BRK instruction, BRKCS instruction, operand error
1 internal, 1 external
15 internal, 6 external
• 4-level programmable priority
• 3 operation statuses: vectored interrupt, macro service, context switching
VDD = 2.7 to 5.5 V
80-pin plastic QFP (14
× 14 × 2.7 mm)
80-pin plastic QFP (14
× 14 × 1.4 mm)
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
Number of basic instructions
(mnemonics)
General-purpose register
Minimum instruction execution
time
Internal
memory
Memory space
I/O ports
Additional
function
pinsNote
Real-time output ports
Timer/counter
PWM outputs
Serial interface
A/D converter
D/A converter
Watchdog timer
Standby
Interrupt
Hardware source
Software source
Nonmaskable
Maskable
Supply voltage
Package
Note
Additional function pins are included in the I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com