Electronic Components Datasheet Search
  English  ▼

X  

ZC0301 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZC0301
Description  VGA & CIF USB PC Camera Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZC0301 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZC0301 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZC0301 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Mar. 2002
13
ZC0301
VGA & CIF USB PC Camera Controller
Appendix I Sensor Interface Description
ZC0301 supports Hyundai VGA format sensors (HV7131B).
1.
INPUT / OUTPUT AC CHARACTERISTICS
All output timing delays are measured with output load 60pF
Output delay includes the internal clock path delay [6ns] and output driving delay that changes in respect to
the output load, the operating environments, and a board design.
Due to the variable valid time delay of the output, output signals may be latched in the negative edge of
MCLK for the stable data transfer between the image sensor and a host for less than 15MHz operation.
2.
MCLK TO HSYNC / VSYNC Timing
FIGURE 8.1-1 MCLK TO HSYNC/VSYNC TIMING DIAGRAM
T1: MCLK RISING TO HSYNC/VSYNC valid maximum Time: 18ns [output load: 60pF]
T2: HSYNC/VSYNC valid Time: minimum 1 clock (subject to T1, T2 timing rule )
3.
MCLK to DATA Timing
FIGURE 8.1-2 MCLK TO DATATIMING DIAGRAM
T3: MCLK rising to DATA Valid maximum Time: 18ns [output load:60pF]
Note: HSYNC signal is high when valid data is on the DATA bus.
4.
ENB Timing
FIGURE 8.1-3 ENB TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com