Electronic Components Datasheet Search
  English  ▼

X  

ICPLW136 Datasheet(PDF) 12 Page - ISOCOM COMPONENTS

Part # ICPLW136
Description  High Speed 1Mbit/s
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW136 Datasheet(HTML) 12 Page - ISOCOM COMPONENTS

Back Button ICPLW136 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 9Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 10Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 11Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 12Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 13Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 14Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
DC93191
26/01/2016
ICPLW135, ICPLW136, ICPLW4503
ISOCOM
COMPONENTS
TAPE AND REEL PACKAGING
Direction of feed from reel
Dimension No.
A
B
Do
D1
E
F
Dimension( mm)
12.7±0.1
11.45±0.1
1.5±0.1
1.5±0.1
1.75±0.1
11.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension (mm)
4.0±0.1
16.0±0.1
2.0±0.1
0.4±0.05
24.00±0.3
4.6±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com