Electronic Components Datasheet Search
  English  ▼

X  

ISP40 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ISP40
Description  Normally Open Single Pole Single Throw Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISP40 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ISP40 Datasheet HTML 1Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 2Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 3Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 4Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 5Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 6Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 7Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 8Page - ISOCOM COMPONENTS ISP40 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 11/09/2015
ISP06, ISP25, ISP40, ISP60
ISOCOM
COMPONENTS
DC93188
Truth Table
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INPUT
OUTPUT
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 10mA
1.18
1.5
V
Reverse Current
IR
VR = 5V
1
µA
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Off State
Leakage Current
Ileak
IF = 0mA, VL = Max
1
μA
On Resistance
Rd(ON)
IF = 10mA, IL = Max, t = 1s
Ω
ISP06
0.7
2.5
ISP25
6.5
15
ISP40
20
30
ISP60
40
70
Output Capacitance
Cout
VL = 0V, f = 1MHz
pF
ISP06
85
ISP25
60
ISP40
45
ISP60
30
Input
Output
ON
CLOSE
OFF
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com