Electronic Components Datasheet Search
  English  ▼

X  

2CL2J Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # 2CL2J
Description  Epoxy vacuum package with anti-corrosion properties on surface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

2CL2J Datasheet(HTML) 1 Page - Anshan Suly Electronics

  2CL2J Datasheet HTML 1Page - Anshan Suly Electronics 2CL2J Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Web: www.hvdiode.com
TEL: +86-412-8227797
FAX: +86-412-8223397
Product
Product
Product
Product
Data
Data
Data
Data
2CL2J
2CL2J
2CL2J
2CL2J
type
type
type
type
high
high
high
high
voltage
voltage
voltage
voltage
diodes
diodes
diodes
diodes
adopt
adopt
adopt
adopt
reliable
reliable
reliable
reliable
table
table
table
table
facet
facet
facet
facet
structural
structural
structural
structural
design
design
design
design
and
and
and
and
diffusion
diffusion
diffusion
diffusion
technology,
technology,
technology,
technology,
epoxy
epoxy
epoxy
epoxy
vacuum
vacuum
vacuum
vacuum
cast
cast
cast
cast
to
to
to
to
closed
closed
closed
closed
package.
package.
package.
package.
Limiting
Limiting
Limiting
Limiting
Value
Value
Value
Value
(Absolute
Absolute
Absolute
Absolute
Maximum
Maximum
Maximum
Maximum
Rating
Rating
Rating
Rating
)
 Electrical
Electrical
Electrical
Electrical
Characteristic
Characteristic
Characteristic
Characteristic
(Ta=25
Ta=25
Ta=25
Ta=25
℃ Unless
Unless
Unless
Unless
Otherwise
Otherwise
Otherwise
Otherwise
Specified
Specified
Specified
Specified
)
Shape Show
Unit:mm
Item
Symbol
Unit
Conditions
Voltage
Repetitive Peak Reverse Voltage
VRRM
KV
Ta=25℃
IR=1.0μA
15.0
Peak Working Revere Voltage
VRWM
KV
Ta=25℃
IR=1.0μA
15.0
Non-Repetitive
Peak
Reverse
Voltage
VRsM
KV
Ta=25℃
IR=1.0μA
18.0
Average Forward Current
IF(AV)
mA
( 50Hz Half-sine Wave , Resistance load
@Tbreak=50℃)
100
Reverse Recovery Time
trr
nS
IF=50mA IR=100mA IRR=25mA
--
Surge Forward Current
IFSM
A
0.01S @ Half-Sine wave
50Hz
25
Operating Ambient Temperature
Ta
℃
-40~
+125
Storage Temperature
T stg
℃
-40~
+125
Forward Peak Voltage
(Reference Value)
VFM
V
@ Ta=25℃
IF=100mA
16.0
Peak Reverse Current
(Reference Value)
IRRM1
μA
@ Ta=25℃ VRM=VRRM
2.0
IRRM2
μA
@ Ta=100℃ VRM=VRRM
30.0
■ Features
Features
Features
Features
 Avalanche Characteristic
 More Shapes to Choose
 Epoxy vacuum package with anti-corrosion properties on surface
Operating Junction Temperature -40℃—+150℃


Similar Part No. - 2CL2J

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2J EDI-2CL2J Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2J GETEDZ-2CL2J Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
2CL2J GETEDZ-2CL2J Datasheet
505Kb / 2P
High Voltage Silicon Rectifier Diode
logo
New Jersey Semi-Conduct...
2CL2J NJSEMI-2CL2J Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2J GETEDZ-2CL2J_1 Datasheet
505Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL2J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S6SFR13V PANASONIC-ERJ-S6SFR13V Datasheet
33Kb / 1P
High performance and anti-corrosion in a sulfurated atmosphere
logo
OSRAM GmbH
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
SMD epoxy package with silicone lens
KYHAVPA1.22-VUAV-JPQV OSRAM-KYHAVPA1.22-VUAV-JPQV Datasheet
827Kb / 22P
SMD epoxy package with silicone lens
LBH9GP-GYHY-35-1 OSRAM-LBH9GP-GYHY-35-1 Datasheet
689Kb / 21P
SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
SMD epoxy package with silicone lens
LUWH9GP.CE OSRAM-LUWH9GP.CE Datasheet
729Kb / 23P
SMD epoxy package with silicone lens
LR-H9GP OSRAM-LR-H9GP Datasheet
620Kb / 21P
SMD epoxy package with silicone lens
LT-H9GP OSRAM-LT-H9GP Datasheet
630Kb / 21P
SMD epoxy package with silicone lens
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
SMD epoxy package with silicone lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com