Electronic Components Datasheet Search
  English  ▼

X  

TLE4276GV Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4276GV
Description  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276GV Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4276GV Datasheet HTML 3Page - Infineon Technologies AG TLE4276GV Datasheet HTML 4Page - Infineon Technologies AG TLE4276GV Datasheet HTML 5Page - Infineon Technologies AG TLE4276GV Datasheet HTML 6Page - Infineon Technologies AG TLE4276GV Datasheet HTML 7Page - Infineon Technologies AG TLE4276GV Datasheet HTML 8Page - Infineon Technologies AG TLE4276GV Datasheet HTML 9Page - Infineon Technologies AG TLE4276GV Datasheet HTML 10Page - Infineon Technologies AG TLE4276GV Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLE 4276
Data Sheet Version 2.2
7
2000-10-11
Characteristics
V
I = 13.5 V;
– 40
C< T
j < 150
C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Measuring
Condition
Measuring
Circuit
min. typ.
max.
Output voltage
V
Q
4.8
5.0
5.2
V
V50-Version
5mA <
I
Q < 400 mA
6V <
V
I <28 V
1
Output voltage
V
Q
4.8
5.0
5.2
V
V50-Version
5mA <
I
Q < 200 mA
6V <
V
I <40 V
1
Output voltage
V
Q
8.16 8.50
8.84
V
V85-Version
5mA <
I
Q < 400 mA
9.5 V <
V
I <28 V
1
Output voltage
V
Q
8.16 8.50
8.84
V
V85-Version
5mA <
I
Q < 200 mA
9.5 V <
V
I <40 V
1
Output voltage
V
Q
9.6
10.0
10.4
V
V10-Version
5mA <
I
Q < 400 mA
11 V <
V
I <28 V
1
Output voltage
V
Q
9.6
10.0
10.4
V
V10-Version
5mA <
I
Q < 200 mA
11 V <
V
I <40 V
1
Output voltage
tolerance
αV
Q
– 4
–
4
%
V-Version
R
2 <50 k
τ
V
Q +1 V
® V
I
® 40 V
V
I >4.5 V
5mA
® I
Q
® 400 mA
1
Output current
limitation1)
I
Q
400
600
1100 mA
–
1
Current
consumption;
I
q = II – IQ
I
q
––
10
←A
V
INH =0 V;
T
j
® 100 C
1
Current
consumption;
I
q = II – IQ
I
q
–
100
220
←A
I
Q =1 mA
1
Current
consumption;
I
q = II – IQ
I
q
–
510
mA
I
Q = 250 mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com