Electronic Components Datasheet Search
  English  ▼

X  

HVB Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # HVB
Description  HVB Series High Voltage Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

HVB Datasheet(HTML) 1 Page - Anshan Suly Electronics

  HVB Datasheet HTML 1Page - Anshan Suly Electronics HVB Datasheet HTML 2Page - Anshan Suly Electronics HVB Datasheet HTML 3Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
www hvdiode com
..
High Voltage Rectifier Diodes
Remarks
:
℃
When the products are working, there's a little heat on the surface.
When the surface temperature is over 60 , please use air cooling for heat dissipation;
If necessary, use oil for cooling.
HVB Series High Voltage Rectifier Diodes
510
~~
45
1
A
KV
Application
Part Number
VRM
()
KV
IFAV
()
A
()
IFSM A
()
50HZ
Half cycle Sinewave
Single Shot
-
Tj
()
℃
Tstg
()
℃
VF
()
V
Max
IFAV
()
()
A
Ir ()
uA
VR=VRM Max
IR
()
uA
VR=VRMMax
Ta 100
=℃
TRR
()
nS
II
FFP
/
()
mA
High voltage
power rectifier
High voltage
detection
High voltage
Tester
High voltage
Generator
Ta 25
=℃
3
HVB5 1A
5
1
30
125 150
6
1
5
50
HVB10 1
10
1
30
125 150
40 to 120
12
1
5
50
HVB15 1
15
1
30
125 150
40 to 120
18
1
5
50
HVB20 1
20
1
30
125 150 40 to 120
24
1
5
50
HVB25 1
25
1
30
125 150 40 to 120
30
1
5
50
HVB30 1
30
1
30
125 150 40 to 120
36
1
5
50
HVB35 1
35
1
30
125 150
40 to 120
42
1
5
50
HVB40 1
40
1
30
125 150
40 to 120
48
1
5
50
HVB45 1
45
1
30
125 150
40 to 120
54
1
5
50
HVB5 2
5
2
60
125 150
40 to 120
6
2
5
50
HVB10 2
10
2
60
125 150
40 to 120
12
2
5
50
HVB15 2
15
2
60
125 150
18
2
5
50
HVB20 2
20
2
60
125 150
24
2
5
50
HVB25 2
25
2
60
125 150
30
2
5
50
HVB30 2
30
2
60
125 150
36
2
5
50
HVB35 2
35
2
60
125 150
42
2
5
50
HVB40 2
40
2
60
125 150
48
2
5
50
HVB45 2
45
2
60
125 150
54
2
5
50
HVB5 3
5
3
100
125 150
6
3
5
100
HVB10 3
10
3
100
125 150
12
3
5
100
HVB15 3
15
3
100
125 150
18
3
5
100
HVB20 3
20
3
100
125 150
40 to 120
24
3
5
100
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-/
-+
- -
- -
-
+
--
--
-
+
--
--
-
+
--
--
-
+
--
--
-
+
--
--
-
+
--
--
-+
- -
- -
-+
- -
- -
-
+
--
--
-+
- -
- -
-+
- -
- -
-
+
--
--
-
+
--
--
-
+
--
--
-
+
--
--
-+
- -
- -
-
+
--
--
-
+
--
--
-
+
--
--
-+
- -
- -
-
+
--
--
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
40 to 120
3
HVB25 3
25
3
100
125 150
40 to 120
30
3
5
100
HVB30 3
30
3
100
125 150 40 to 120
36
3
5
100
HVB5 5
5
5
150
125 150 40 to 120
6
5
10
200
HVB10 5
10
5
150
125 150 40 to 120
12
5
10
200
HVB15 5
15
5
150
125 150 40 to 120
18
5
10
200
HVB20 5
20
5
150
125 150
40 to 120
24
5
10
200
HVB25 5
25
5
150
125 150
40 to 120
30
5
10
200
HVB5 10
5
300
125 150 40 to 120
6
10
10
200
-/
/
/
-+
- -
- -
--
+
- -
- -
--
+
- -
- -
-
/
-
+
--
--
-
/
-
+
--
--
-
/
-
+
--
--
-
/
-
+
--
--
-/
-
+
- -
- -
10
HVB10 10
10
10
300
125 150 40 to 120
12
10
10
200
-
/
-
+
--
--


Similar Part No. - HVB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HVB-1 COOPER-HVB-1 Datasheet
67Kb / 3P
Buss High Voltage Fuses 1000 - 10,000 Volts
logo
Hitachi Semiconductor
HVB14S HITACHI-HVB14S Datasheet
28Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results

Similar Description - HVB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com