Electronic Components Datasheet Search
  English  ▼

X  

TLE4276DV Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4276DV
Description  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276DV Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4276DV Datasheet HTML 7Page - Infineon Technologies AG TLE4276DV Datasheet HTML 8Page - Infineon Technologies AG TLE4276DV Datasheet HTML 9Page - Infineon Technologies AG TLE4276DV Datasheet HTML 10Page - Infineon Technologies AG TLE4276DV Datasheet HTML 11Page - Infineon Technologies AG TLE4276DV Datasheet HTML 12Page - Infineon Technologies AG TLE4276DV Datasheet HTML 13Page - Infineon Technologies AG TLE4276DV Datasheet HTML 14Page - Infineon Technologies AG TLE4276DV Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLE 4276
Data Sheet Version 2.2
11
2000-10-11
Voltage V
DR versus
Output Current I
Q
Current Consumption I
q versus
Output Current I
Q (high load)
Max. Output Current I
Q versus
Input Voltage V
I
Current Consumption I
q versus
Output Current I
Q (low load)
AED03017
0
0
DR
V
200
400
600
mV
500
300
100
Tj = 125 ˚C
Q
I
100
200
300 mA 400
= 25 ˚C
Tj
AED03021
0
0
Q
I
q
I
100
200
300
400
600
mA
j
T = 25 ˚C
= 13.5 V
V
I
10
20
30
40
50
60
mA
AED03020
0
0
VQ = 0 V
= 25 ˚C
Tj
I
V
Q
I
10
20
30
40
50
V
200
400
600
mA
800
AED03022
0
0
Q
I
q
I
10
20
30
40
60
mA
j
T = 25 ˚C
= 13.5 V
V
I
0.1
0.2
0.3
0.4
0.5
0.6
mA
Typical Performance Characteristics (V50, V85 and V10):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com