Electronic Components Datasheet Search
  English  ▼

X  

VAM-6 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VAM-6
Description  Monolithic Amplifier DC-2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VAM-6 Datasheet(HTML) 1 Page - Mini-Circuits

  VAM-6 Datasheet HTML 1Page - Mini-Circuits VAM-6 Datasheet HTML 2Page - Mini-Circuits VAM-6 Datasheet HTML 3Page - Mini-Circuits VAM-6 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Monolithic Amplifier
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• Wideband, DC to 2 GHz
• Cascadable
• Internally Matched to 50 Ohms
• Aqueous washable
Typical Applications
• Cellular
• PCN
• Instrumentation
• UHF/VHF
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen
for the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection, as shown in “Recommended
Application Circuit”.
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB
Design” to reduce ground path inductance for best performance.
VAM-6+
GROUND
RF IN
RF-OUT and DC-IN
REV. C
M120653
VAM-6+
150321
DC-2 GHz
CASE STYLE: MMM168
PRICE: $1.16 ea. QTY. (20)
General Description
VAM-6+ (RoHS compliant) is wideband amplifier offering high dynamic range. It has repeatable perfor-
mance from lot to lot. It is enclosed in an SOT143 style package. It uses Darlington configuration.
RF-OUT & DC-IN
GND
GND
RF-IN
4
1
2
3
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - VAM-6

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAM-63-V1/0-R1/4-E-RG FESTO-VAM-63-V1/0-R1/4-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
VAM-63-V1/0-R1/4-EN FESTO-VAM-63-V1/0-R1/4-EN Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
VAM-63-V1/9-R1/4-EN FESTO-VAM-63-V1/9-R1/4-EN Datasheet
99Kb / 2P
Vacuum gauge
8/11/22
More results

Similar Description - VAM-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
Monolithic Amplifier DC-2 GHz
MAR-3 MINI-MAR-3 Datasheet
239Kb / 4P
Monolithic Amplifier DC-2 GHz
RAM-2 MINI-RAM-2 Datasheet
199Kb / 4P
Monolithic Amplifier DC-2 GHz
RAM-3 MINI-RAM-3 Datasheet
198Kb / 4P
Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
Monolithic Amplifier DC-2 GHz
RAM-7 MINI-RAM-7 Datasheet
198Kb / 4P
Monolithic Amplifier DC-2 GHz
VAM-3 MINI-VAM-3 Datasheet
202Kb / 4P
Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
Monolithic Amplifier DC-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com