Electronic Components Datasheet Search
  English  ▼

X  

2N6174 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 2N6174
Description  Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6174 Datasheet(HTML) 1 Page - Motorola, Inc

  2N6174 Datasheet HTML 1Page - Motorola, Inc 2N6174 Datasheet HTML 2Page - Motorola, Inc 2N6174 Datasheet HTML 3Page - Motorola, Inc 2N6174 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2N6174

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6174 NJSEMI-2N6174 Datasheet
184Kb / 2P
SILICON CONTROLLED RECTIFIERS
2N6174 NJSEMI-2N6174 Datasheet
96Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
logo
Digitron Semiconductors
2N6174 DIGITRON-2N6174 Datasheet
777Kb / 5P
SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING TRIODE THYRISTOR
More results

Similar Description - 2N6174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
logo
Motorola, Inc
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
MCR202 MOTOROLA-MCR202 Datasheet
126Kb / 3P
SILICON CONTROLLDE RECTIFIERS REVERSE BLOCKING TRIODE THYRISTORS
logo
ON Semiconductor
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com