Electronic Components Datasheet Search
  English  ▼

X  

PE2V006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2V006
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz, Phase Noise of -86 dBc/Hz and 0.175 inch Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2V006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2V006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2V006 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• 2.0 GHz to 2.75 GHz Bandwidth
• -86 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 10V
• Pout = +11.0 dBm
• Harmonics = -17 dBc
• RoHS Compliant Assembly
• 0.175” SMT package
• Industry Standard Mounting Footprint
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE2V006 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 2.0 GHz to 2.75 GHz
frequency band with a voltage tuning range from 0V to 10V. This design features exceptional phase noise performance of -86
dBc/Hz @ 10 kHz offset. Supply Voltage is +11V with a generated output power level of +11.0 dBm and 2nd harmonic output
of -17 dBc typical. The assembly is RoHS compliant and available in a compact 0.175 inch SMT package with an industry
standard mounting footprint. The bottom surface is copper clad with 2-5 micro inches of immersion Gold over 150 - 250 micro
inches of Electro less Nickel which makes it resistant to oxidation for ease of soldering. The VCO operates over a temperature
range of -40°C to +85°C and is designed to meet a variety of MIL-STD-202 test conditions including Humidity, Shock, and
Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
2.75
GHz
Tuning Voltage
0
10
Vdc
Supply Voltage (DC)
10.75
11
11.25
Vdc
Supply Current (DC)
19
21
mA
Phase Noise @ 10kHz Offset
-86
-84
dBc/Hz
Phase Noise @ 100kHz Offset
-107
-105
dBc/Hz
Output Power
+10
+11
+12
dBm
Tuning Sensitivity (Kvco)
75
170
MHz/V
Pushing
6
8
MHz/V
Pulling (pk-pk)
22
40
MHz
Load Impedance
50
Ohms
2nd Harmonics
-17
-15
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz, Phase
Noise of -86 dBc/Hz and 0.175 inch Package PE2V006
PE2V006 REV 1.0
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 2 GHz to 2.75 GHz, Phase Noise
of -86 dBc/Hz and 0.175 inch Package
Voltage Control Oscillators Technical Data Sheet
PE2V006


Similar Part No. - PE2V006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2V000 PASTERNACK-PE2V000 Datasheet
662Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 125 MHz to 250 MHz, Phase Noise of -107 dBc/Hz and 0.175 inch Package
PE2V001 PASTERNACK-PE2V001 Datasheet
664Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -95 dBc/Hz and 0.175 inch Package
PE2V002 PASTERNACK-PE2V002 Datasheet
652Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 250 MHz to 500 MHz, Phase Noise of -107 dBc/Hz and 0.175 inch Package
PE2V003 PASTERNACK-PE2V003 Datasheet
648Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 500 MHz to 1,000 MHz, Phase Noise of -97 dBc/Hz and 0.175 inch Package
PE2V004 PASTERNACK-PE2V004 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.6 GHz, Phase Noise of -93 dBc/Hz and 0.175 inch Package
More results

Similar Description - PE2V006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2V005 PASTERNACK-PE2V005 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1 GHz to 2 GHz, Phase Noise of -90 dBc/Hz and 0.175 inch Package
PE2V007 PASTERNACK-PE2V007 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 3 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V008 PASTERNACK-PE2V008 Datasheet
661Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.92 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V009 PASTERNACK-PE2V009 Datasheet
683Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.57 GHz to 4.58 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V012 PASTERNACK-PE2V012 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V015 PASTERNACK-PE2V015 Datasheet
588Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 6.1 GHz to 7 GHz, Phase Noise of -76 dBc/Hz and 0.175 inch Package
PE2V018 PASTERNACK-PE2V018 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz to 10 GHz, Phase Noise of -78 dBc/Hz and 0.175 inch Package
PE2V019 PASTERNACK-PE2V019 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz to 11 GHz, Phase Noise of -72 dBc/Hz and 0.175 inch Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com