Electronic Components Datasheet Search
  English  ▼

X  

GSX-321 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GSX-321
Description  SM Crystal for Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-321 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX-321 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GSX-321
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
04 Jul 2014
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Tape & Reel Specification
2.0
1.75
1.5Ø
8.0
±0.3
2.25
3.5
±0.05
8.4
13Ø
178Ø
±1.0
60Ø
±1.0
1.2
2.50
20.5Ø
±0.2
120°
2.0
FEED
+0.6
-0.4
2.7
0.3
±0.05
5°
1.0Ø
1.5
±0.3
Soldering Profile
Production quantities supplied on T&R, 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
Maximum solder resistance: 260°C x 10 secs x 2.
FREQUENCY
S DC
Marking type: Laser
DC = Date code in YM, as shown below
Example:  “DE” = May 2014
Marking
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2011/65/EU
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
A
B
C
D
E
F
G
H
J
K
L
M
Y
1
2
3
4
5
6
7
8
9
0
M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com