Electronic Components Datasheet Search
  English  ▼

X  

AP1210MP Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP1210MP
Description  2.5A SINK/SOURCE BUS TERMINATION REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1210MP Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP1210MP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advanced Power
Electronics Corp.
AP1210MP
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
Current Limit
ILIM
3-
-
A
Thermal Shutdown Temperature
TSD
3.3V < VCNTL < 5V
-
150
-
Thermal Shutdown Hysteresis
Δ
TSD
3.3V < VCNTL < 5V
-
20
-
REFEN Threshold
VEN
0.15
-
0.4
V
Soft-Start Interval
TSS
∆VOUT=1V
-
0.2
-
ms
Note3. VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.
Note4. Regulation is measured at constant junction temperature by using a 1ms(on) / 9ms(off) current pulse. Devices are tested for load regulation
in the load range from 10mA to 2.5A for source and -10mA to -2.5A for sink capability.
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
VIN
Power Input Voltage.
GND
Ground Pin
VOUT
Output Voltage
VCNTL
Gate Drive Voltage
REFEN
Reference Voltage Input and Chip Enable
BLOCK DIAGRAM
3
ELECTRICAL SPECIFICATIONS (CONTINUED)
ENABLE and Soft-Start
Protection
oC
VCNTL
ENABLE
FUNCTION
Soft-Start
Function
GATE CONTROL
LOGIC
(RS-LATCH)
OCP
Function
UVP
Function
OTP
Function
REFEN
VIN
VOUT
GND
ERROR
AMPLIFIER
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com