Electronic Components Datasheet Search
  English  ▼

X  

SP207EH Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP207EH
Description  High Speed 5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207EH Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP207EH Datasheet HTML 8Page - Sipex Corporation SP207EH Datasheet HTML 9Page - Sipex Corporation SP207EH Datasheet HTML 10Page - Sipex Corporation SP207EH Datasheet HTML 11Page - Sipex Corporation SP207EH Datasheet HTML 12Page - Sipex Corporation SP207EH Datasheet HTML 13Page - Sipex Corporation SP207EH Datasheet HTML 14Page - Sipex Corporation SP207EH Datasheet HTML 15Page - Sipex Corporation SP207EH Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SP207EHDS/08
SP207EH Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
16
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
RS232 Transceivers:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP207EHCA .............. 5 ....................................... 3 ................................................... 0
°C to +70°C ............................................... 24–pin SSOP
SP207EHCP .............. 5 ....................................... 3 ................................................... 0
°C to +70°C ....................................... 24–pin Plastic DIP
SP207EHCT ............... 5 ....................................... 3 ................................................... 0
°C to +70°C ................................................ 24–pin SOIC
SP207EHEA .............. 5 ....................................... 3 ............................................... –40
°C to +85°C ............................................... 24–pin SSOP
SP207EHEP ............... 5 ....................................... 3 ............................................... –40
°C to +85°C ....................................... 24–pin Plastic DIP
SP207EHET ............... 5 ....................................... 3 ............................................... –40
°C to +85°C ................................................ 24–pin SOIC
SP208EHCA .............. 4 ....................................... 4 ................................................... 0
°C to +70°C ............................................... 24–pin SSOP
SP208EHCP .............. 4 ....................................... 4 ................................................... 0
°C to +70°C ....................................... 24–pin Plastic DIP
SP208EHCT ............... 4 ....................................... 4 ................................................... 0
°C to +70°C ................................................ 24–pin SOIC
SP208EHEA .............. 4 ....................................... 4 ............................................... –40
°C to +85°C ............................................... 24–pin SSOP
SP208EHEP ............... 4 ....................................... 4 ............................................... –40
°C to +85°C ....................................... 24–pin Plastic DIP
SP208EHET ............... 4 ....................................... 4 ............................................... –40
°C to +85°C ................................................ 24–pin SOIC
RS232 Transceivers with Low–Power Shutdown and Tri–state Enable:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP211EHCA .............. 4 ....................................... 5 ................................................... 0
°C to +70°C ............................................... 28–pin SSOP
SP211EHCT ............... 4 ....................................... 5 ................................................... 0
°C to +70°C ................................................ 28–pin SOIC
SP211EHEA .............. 4 ....................................... 5 ............................................... –40
°C to +85°C ............................................... 28–pin SSOP
SP211EHET ............... 4 ....................................... 5 ............................................... –40
°C to +85°C ................................................ 28–pin SOIC
RS232 Transceivers with Low–Power Shutdown, Tri–state Enable, and Wake–Up Function:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP213EHCA .............. 4 ................. 5, with 2 active in Shutdown ............................ 0
°C to +70°C ............................................... 28–pin SSOP
SP213EHCT ............... 4 ................. 5, with 2 active in Shutdown ............................ 0
°C to +70°C ................................................ 28–pin SOIC
SP213EHEA .............. 4 ................. 5, with 2 active in Shutdown ........................ –40
°C to +85°C ............................................... 28–pin SSOP
SP213EHET ............... 4 ................. 5, with 2 active in Shutdown ........................ –40
°C to +85°C ................................................ 28–pin SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com