Electronic Components Datasheet Search
  English  ▼

X  

TPS56520 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56520
Description  Synchronous Step-Down Voltage Regulator with Voltage Scaling
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56520 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS56520 Datasheet HTML 9Page - Texas Instruments TPS56520 Datasheet HTML 10Page - Texas Instruments TPS56520 Datasheet HTML 11Page - Texas Instruments TPS56520 Datasheet HTML 12Page - Texas Instruments TPS56520 Datasheet HTML 13Page - Texas Instruments TPS56520 Datasheet HTML 14Page - Texas Instruments TPS56520 Datasheet HTML 15Page - Texas Instruments TPS56520 Datasheet HTML 16Page - Texas Instruments TPS56520 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
350
400
450
500
550
600
0.0
2.0
4.0
6.0
8.0
10.0
12.0
I
O - Output Current (A)
C026
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
0.594
0.596
0.598
0.600
0.602
0.604
0.606
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C027
I
O = 50 mA, VOUT = 1.1 V
0
50
100
150
200
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C023
400
450
500
550
600
650
700
4
6
8
10
12
14
16
18
V
IN - Input Voltage (V)
C025
I
OUT = 12 A
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
4.00
4.50
5.00
5.50
6.00
6.50
7.00
7.50
8.00
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C021
V
SS = 0.5 V
800
850
900
950
1,000
1,050
1,100
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C022
13
TPS56C20, TPS56920, TPS56720, TPS56520
www.ti.com
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.0 V, Ta = 25 °C, unless otherwise specified.
Figure 20. TPS56920 Soft Start Charging Current
Figure 21. TPS56C20 Quiescent Current
Figure 22. TPS56C20 Shutdown Quiescent Current
Figure 23. TPS56C20 Switching Frequency
Figure 24. TPS56C20 Switching Frequency,
Eco-mode™ = OFF
Figure 25. TPS56C20 Feedback Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com