Electronic Components Datasheet Search
  English  ▼

X  

SP3203EEY Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP3203EEY
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203EEY Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP3203EEY Datasheet HTML 8Page - Sipex Corporation SP3203EEY Datasheet HTML 9Page - Sipex Corporation SP3203EEY Datasheet HTML 10Page - Sipex Corporation SP3203EEY Datasheet HTML 11Page - Sipex Corporation SP3203EEY Datasheet HTML 12Page - Sipex Corporation SP3203EEY Datasheet HTML 13Page - Sipex Corporation SP3203EEY Datasheet HTML 14Page - Sipex Corporation SP3203EEY Datasheet HTML 15Page - Sipex Corporation SP3203EEY Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Rev.
2/7/01
SP3203E
© Copyright 2001 Sipex Corporation
PACKAGE: PLASTIC THIN SMALL OUTLINE (TSSOP)
Gage
Plane
1.0 OIA
e
0.169 (4.30)
0.177 (4.50)
0.252 BSC (6.4 BSC)
0’-8’ 12’REF
0.039 (1.0)
e/2
0.039 (1.0)
0.126 BSC (3.2 BSC)
0.007 (0.19)
0.012 (0.30)
0.033 (0.85)
0.037 (0.95)
0.002 (0.05)
0.006 (0.15)
0.043 (1.10) Max
(
θ3)
1.0 REF
0.020 (0.50)
0.026 (0.75)
(
θ1)
0.004 (0.09) Min
0.004 (0.09) Min
0.010 (0.25)
(
θ2)
0.008 (0.20)
DIMENSIONS
in inches (mm)
Minimum/Maximum
Symbol
20 Lead
D
0.252/0.260
(6.40/6.60)
e
0.026 BSC
(0.65 BSC)
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com