Electronic Components Datasheet Search
  English  ▼

X  

SP3220 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3220
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3220 Datasheet HTML 1Page - Sipex Corporation SP3220 Datasheet HTML 2Page - Sipex Corporation SP3220 Datasheet HTML 3Page - Sipex Corporation SP3220 Datasheet HTML 4Page - Sipex Corporation SP3220 Datasheet HTML 5Page - Sipex Corporation SP3220 Datasheet HTML 6Page - Sipex Corporation SP3220 Datasheet HTML 7Page - Sipex Corporation SP3220 Datasheet HTML 8Page - Sipex Corporation SP3220 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Rev. 6/25/03
SP3220 True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
+3.0V to +5.5V RS-232 Driver/Receiver Pair
SP3220
DESCRIPTION
■ Meets True RS-232 Protocol Operation
From A +3.0V to +5.5V Power Supply
■ Minimum 120 Kbps Data Rate Under
Full Load
■ 1µA Low-Power Shutdown With
Receivers Active
■ Interoperable With RS-232 Down To
+2.7V Power Source
■ Pin-Compatible With The
MAX3221E Device Without
The
AUTO ON-LINE® Feature
■ ESD Specifications:
+2kV Human Body Model
The SP3220 device is an RS-232 driver/receiver solution intended for portable or hand-held
applications such as notebook or palmtop computers. The SP3220 device has a high-
efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation.
This charge pump allows the SP3220 device to deliver true RS-232 performance from a single
power supply ranging from +3.3V to +5.0V.
The SP3220 device has a low-power shutdown mode where the driver outputs and charge
pumps are disabled. During shutdown, the supply current falls to less than 1µA.
SP3220
2
4
6
5
3
7
15
GND
T1IN
T1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
11
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
13
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
14
5kΩ
R1IN
R1OUT
9
8
LOGIC
OUTPUTS
*can be returned to
either VCC or GND
EN
1
SHDN
16
®


Similar Part No. - SP3220

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220 SIPEX-SP3220 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCA SIPEX-SP3220BCA Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCT SIPEX-SP3220BCT Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCY SIPEX-SP3220BCY Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com