Electronic Components Datasheet Search
  English  ▼

X  

SP3220B Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3220B
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220B Datasheet(HTML) 2 Page - Sipex Corporation

  SP3220B Datasheet HTML 1Page - Sipex Corporation SP3220B Datasheet HTML 2Page - Sipex Corporation SP3220B Datasheet HTML 3Page - Sipex Corporation SP3220B Datasheet HTML 4Page - Sipex Corporation SP3220B Datasheet HTML 5Page - Sipex Corporation SP3220B Datasheet HTML 6Page - Sipex Corporation SP3220B Datasheet HTML 7Page - Sipex Corporation SP3220B Datasheet HTML 8Page - Sipex Corporation SP3220B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. 7/8/03
SP3220B/U +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
2
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.............................................................-0.3V to +6.0V
V+ (NOTE 1)..............................................-0.3V to +7.0V
V- (NOTE 1).............................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...................................................+13V
I
CC (DC VCC or GND current)..........................+100mA
Input Voltages
TxIN, EN .............................................. -0.3V to +6.0V
RxIN ................................................................... +25V
Output Voltages
TxOUT ............................................................. +13.2V
RxOUT ......................................... -0.3V to (V
CC+0.3V)
Short-Circuit Duration
TxOUT ...................................................... Continuous
Storage Temperature ....................... -65°C to +150°C
Power Dissipation Per Package
16-pin SSOP (derate 9.69mW/oCabove+70oC) ........ 775mW
16-pin TSSOP (derate 10.5mW/oC above +70oC) ..... 840mW
16-pin Wide SOIC (derate 11.2mW/oC above+70oC) 900mW
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.0V with TAMB = TMIN to TMAX.
Typical Values apply at V
CC = +3.3V or +5.0V and TAMB = 25
oC, C1-4=0.1µF.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
t
n
e
r
r
u
C
y
l
p
p
u
S3
.
00
.
1A
mT
,
d
a
o
l
o
n
B
M
A
5
2
+
=
o
V
,
C
C
C
V
3
.
3
=
V
r
o
D
N
G
=
N
I
x
T
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
d
t
u
h
S0
.
10
1
µA
,
D
N
G
=
N
D
H
ST
B
M
A
5
2
+
=
o
V
,
C
C
C
V
3
.
3
+
=
V
r
o
V
0
=
N
I
x
T
C
C
S
T
U
P
T
U
O
R
E
V
I
E
C
E
R
D
N
A
S
T
U
P
N
I
C
I
G
O
L
W
O
L
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I8
.
0V
2
e
t
o
N
,
N
D
H
S
,
N
E
,
N
I
x
T
H
G
I
H
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I0
.
2V
V
C
C
r
o
2
e
t
o
N
,
V
3
.
3
=2
e
t
o
N
,
V
0
.
5
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I1
0
.
0
±0
.
1
±
µA
,
N
D
H
S
,
N
E
,
N
I
x
T
T
B
M
A
5
2
+
=
o
V
C
N
I
V
o
t
V
0
=
C
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O5
0
.
0
±0
1
±
µA
V
d
e
l
b
a
s
i
D
s
r
e
v
i
e
c
e
R
T
U
O
V
o
t
V
0
=
C
C
W
O
L
e
g
a
t
l
o
V
t
u
p
t
u
O4
.
0V
I
T
U
O
A
m
6
.
1
=
H
G
I
H
e
g
a
t
l
o
V
t
u
p
t
u
OV
C
C
6
.
0
-V
C
C
1
.
0
-V
I
T
U
O
A
m
0
.
1
-
=
S
T
U
P
T
U
O
R
E
V
I
R
D
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O0
.
5
±4
.
5
±V
k
3 Ω
,
s
t
u
p
t
u
o
r
e
v
i
r
d
ll
a
t
a
d
n
u
o
r
g
o
t
d
a
o
l
T
B
M
A
5
2
+
=
oC
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O0
0
3
Ω
V
C
C
T
,
V
0
=
-
V
=
+
V
=
T
U
O
=+ V
2
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O5
3
±0
6
±A
mV
T
U
O
V
0
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O5
2
±
µA
V
T
U
O
=+
V
,
V
2
1
C
C
d
e
l
b
a
s
i
d
s
r
e
v
i
r
d
,
V
5
.
5
o
t
V
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com