Electronic Components Datasheet Search
  English  ▼

X  

SP3221E Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP3221E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3221E Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP3221E Datasheet HTML 10Page - Sipex Corporation SP3221E Datasheet HTML 11Page - Sipex Corporation SP3221E Datasheet HTML 12Page - Sipex Corporation SP3221E Datasheet HTML 13Page - Sipex Corporation SP3221E Datasheet HTML 14Page - Sipex Corporation SP3221E Datasheet HTML 15Page - Sipex Corporation SP3221E Datasheet HTML 16Page - Sipex Corporation SP3221E Datasheet HTML 17Page - Sipex Corporation SP3221E Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Date: 7/21/04
SP3221E +3.0V to +5.5V RS-232 Transceiver
© Copyright 2004 Sipex Corporation
16
Seating Plane
A2
A
A1
b
SEE DETAIL “A”
B
B
Seaing Plane
L1
L
Ø1
DETAIL A
Ø2
Ø3
C
b
Section B-B
-
-
1.20
Dimensions in (mm)
16 PIN TSSOP
JEDEC MO-153
(AB) Variation
0.80
1.00
1.05
0.19
-
0.30
0.09
-
0.20
0º
4º
8º
A
A2
b
c
Ø1
MIN
NOM MAX
A1
0.05
-
0.15
D
4.90
5.00
5.10
E
6.40 BSC
E1
4.30
4.40
4.50
e
0.65 BSC
Ø2
Ø3
L
12º REF
12º REF
L1
0.45
0.60
0.75
1.00 REF
E1
E
D
INDEX AREA
D
2
x
2
E1
12
e
16 PIN TSSOP
PACKAGE: 16 PIN TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com