Electronic Components Datasheet Search
  English  ▼

X  

MS08441 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MS08441
Description  12V OCXO Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MS08441 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MS08441 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
5.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS08441
10.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS06244
13.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS08799
50.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MA02777
5.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA05180
10.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA01432
50.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA05478
Freq
Specification
Ageing
Temperature
Part No
per day
stability
21 Nov 2003
12V OCXO Low Profile
HCD310 & HCD311
36.10 (max)
15.00
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref. voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
15.00
17.80
Features
Temperature stability down to 50ppb
Single 12V supply (15V or 18V optional)
Low profile compact package
Standard European IEC CO-08 pin-out
 Custom options available
Part No, or product name + option codes + frequency
eg: HCD310/BNDN 10.0MHz
HCD311/AMFP 20.0MHz
Option code X (eg HCD310/X) denotes a custom specification.
Ordering Information
Specifications
HCD310: Sine wave output
HCD311: HCMOS / TTL compatible output
Option
Codes
HCD310
HCD311
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
See HCD210 for chassis-mounted version of HCD310
Standard Models
The table shows the most common models. In most cases
selecting one of these models will ensure the best combination
of price / performance and availability.
Frequency range:
5.0 ~ 60.0MHz

5.0 ~ 50.0MHz
Ageing per day (at despatch):
< ±1x10-8


A
< ±5x10-9


B
Frequency stability:
±5x10-7 per year

±1x10-7 per 5% change in V
DD

Temperature stability:
< ±1x10-7


M
< ±5x10-8


N
Operating temperature range:
-20 to +60°C


D
0 to +70°C


E
-20 to +70°C


F
Storage temperature range:
-40 to +90°C

Output waveform:
Sine wave, 1.5V p-p ±0.5V into 50Ω
HCMOS / TTL compatible
Frequency adjustment:
±1x10-5 typ (10MHz), +0.5 to +6.0V

(sufficient for 10 years ageing min)
Stabilised +6.0V supply provided
Supply voltage (V
DD):
+12V (±0.5V)


N
+15V (±0.5V)


P
+18V (±0.5V)


R
Power consumption:
4.5W max at switch on

1.0W typ when stabilised at 25°C

Warm up:
±5x10-8 after 10mins at +25°C

Phase noise (@ 10.0MHz):
< -110dBc/Hz @ 10Hz

< -130dBc/Hz @ 100Hz

< -145dBc/Hz @ 1kHz

< -150dBc/Hz @ 10kHz

< -150dBc/Hz @ 50kHz

Shock:
IEC 68-2-27 Test Ea
50G for 11ms

Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G



Similar Part No. - MS08441

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MS08-10N FOTEK-MS08-10N Datasheet
239Kb / 2P
Mahnetic Hall sensor
MS08-10P FOTEK-MS08-10P Datasheet
239Kb / 2P
Mahnetic Hall sensor
logo
Standex Electronics, In...
MS08-PP STANDEX-MS08-PP Datasheet
171Kb / 1P
MS08-PP SERIES MAGNETIC FLOAT
Version: 03
logo
E-SWITCH
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
E-SWITCH MS0850500F060S1A
MS0850500F130C1A E-SWITCH-MS0850500F130C1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
More results

Similar Description - MS08441

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD300 GOLLEDGE-HCD300 Datasheet
62Kb / 1P
5V OCXO LOW PROFILE
HCD310 GOLLEDGE-HCD310 Datasheet
63Kb / 1P
12V OCXO Low Profile
HCD71 GOLLEDGE-HCD71 Datasheet
67Kb / 1P
12V OCXO Sine Output
HCD300 GOLLEDGE-HCD300_15 Datasheet
127Kb / 1P
5V OCXO Low profile
MCOCXO GOLLEDGE-MCOCXO_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
HCD310 GOLLEDGE-HCD310_18 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
HCD311 GOLLEDGE-HCD311_18 Datasheet
553Kb / 4P
12V Low Profile OCXO with CMOS/TTL Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
MCOCXO GOLLEDGE-MCOCXO_18 Datasheet
555Kb / 5P
12V OCXO CMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com