Electronic Components Datasheet Search
  English  ▼

X  

SP213ECA Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP213ECA
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP213ECA Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP213ECA Datasheet HTML 7Page - Sipex Corporation SP213ECA Datasheet HTML 8Page - Sipex Corporation SP213ECA Datasheet HTML 9Page - Sipex Corporation SP213ECA Datasheet HTML 10Page - Sipex Corporation SP213ECA Datasheet HTML 11Page - Sipex Corporation SP213ECA Datasheet HTML 12Page - Sipex Corporation SP213ECA Datasheet HTML 13Page - Sipex Corporation SP213ECA Datasheet HTML 14Page - Sipex Corporation SP213ECA Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
SP207EDS/09
SP207E Series High Performance Transceivers
© Copyright 2000 Sipex Corporation
For the Human Body Model, the current limiting
resistor (R
S) and the source capacitor (CS) are
1.5k
Ω an100pF,respectively. ForIEC-1000-4-2,
the current limiting resistor (R
S) and the source
capacitor (C
S) are 330Ω an 150pF, respectively.
The higher C
S value and
lower R
S value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injects a higher voltage to the test point when SW2
is switched on. The lower current limiting resistor
increases the current charge onto the test point.
DEVICE PIN
HUMAN BODY
IEC1000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
+15kV
+15kV
+8kV
4
Receiver Inputs
+15kV
+15kV
+8kV
4
Specification
RS–232D
RS–423A
RS–422
RS–485
RS–562
Mode of Operation
Single–Ended
Single–Ended
Differential
Differential
Single–Ended
No. of Drivers and Receivers
1 Driver
1 Driver
1 Driver
32 Drivers
1 Driver
Allowed on One Line
1 Receiver
10 Receivers
10 Receivers
32 Receivers
1 Receiver
Maximum Cable Length
50 feet
4,000 feet
4,000 feet
4,000 feet
C
≤ 2,500pF @ <20Kbps;
C
≤1,000pF @ >20Kbps
Maximum Data Rate
20Kb/s
100Kb/s
10Mb/s
10Mb/s
64Kb/s
Driver output Maximum Voltage
±25V
±6V
–0.25V to +6V
–7V to +12V
–3.7V to +13.2V
Driver Output Signal Level
Loaded
±5V
±3.6V
±2V
±1.5V
±3.7V
Unloaded
±15V
±6V
±5V
±5V
±13.2V
Driver Load Impedance
3 – 7Kohm
450 ohm
100 ohm
54 ohm
3–7Kohm
Max. Driver Output Current
(High Impedance State)
Power On
±100µA
Power Off
VMAX/300
100
µA
±100µA
±100µA
Slew Rate
30V/
µs max.
Controls Provided
30V/
µs max.
Receiver Input Voltage Range
±15V
±12V
–7V to +7V
–7V to +12V
±15V
Receiver Input Sensitivity
±3V
±200mV
±200mV
±200mV
±3V
Receiver Input Resistance
3–7Kohm
4Kohm min.
4Kohm min.
12Kohm min.
3–7Kohm
Table 4. EIA Standard Definitions
EIA STANDARDS
The Electronic Industry Association (EIA)
developed several standards of data transmission
which are revised and updated in order to meet
the requirements of the industry. In data
processing, there are two basic means of
communicatingbetweensystemsandcomponents.
The RS--232 standard was first introduced in
1962 and, since that time, has become an
industry standard.
Table 3. Transceiver ESD Tolerance Levels
The RS-232 is a relatively slow data exchange
protocol, with a maximum baud rate of only
20kbps, which can be transmitted over a
maximum copper wire cable length of 50 feet.
The SP207E through SP213E Series of data
communications interface products have been
designed to meet both the EIA protocol
standards, and the needs of the industry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com