Electronic Components Datasheet Search
  English  ▼

X  

SP3222 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3222
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3222 Datasheet HTML 12Page - Sipex Corporation SP3222 Datasheet HTML 13Page - Sipex Corporation SP3222 Datasheet HTML 14Page - Sipex Corporation SP3222 Datasheet HTML 15Page - Sipex Corporation SP3222 Datasheet HTML 16Page - Sipex Corporation SP3222 Datasheet HTML 17Page - Sipex Corporation SP3222 Datasheet HTML 18Page - Sipex Corporation SP3222 Datasheet HTML 19Page - Sipex Corporation SP3222 Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev. 07/01/03
SP3222/3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
20
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP3222CA ............................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222CP ............................................... 0˚C to +70˚C ............................................ 18-Pin PDIP
SP3222CT ................................................ 0˚C to +70˚C ........................................... 18-Pin SOIC
SP3222CY ............................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EA .............................................. -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EP .............................................. -40˚C to +85˚C .......................................... 18-Pin PDIP
SP3222ET ............................................... -40˚C to +85˚C ......................................... 18-Pin SOIC
SP3222EY .............................................. -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3232CA ............................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232CP ............................................... 0˚C to +70˚C ............................................ 16-Pin PDIP
SP3232CT ................................................ 0˚C to +70˚C .................................. 16-Pin Wide SOIC
SP3232CN ............................................... 0˚C to +70˚C ......................................... 16-Pin nSOIC
SP3232CY ............................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EA .............................................. -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EP .............................................. -40˚C to +85˚C .......................................... 16-Pin PDIP
SP3232ET ............................................... -40˚C to +85˚C ................................ 16-Pin Wide SOIC
SP3232EN .............................................. -40˚C to +85˚C ....................................... 16-Pin nSOIC
SP3232EY .............................................. -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com